Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474XC Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 72Page - STMicroelectronics STM32G474XC Datasheet HTML 73Page - STMicroelectronics STM32G474XC Datasheet HTML 74Page - STMicroelectronics STM32G474XC Datasheet HTML 75Page - STMicroelectronics STM32G474XC Datasheet HTML 76Page - STMicroelectronics STM32G474XC Datasheet HTML 77Page - STMicroelectronics STM32G474XC Datasheet HTML 78Page - STMicroelectronics STM32G474XC Datasheet HTML 79Page - STMicroelectronics STM32G474XC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 236 page
background image
PC0
-
LPTIM1_IN1
TIM1_CH1
-
-
-
-
-
LPUART1_
RX
---
-
-
-
EVENT
OUT
PC1
-
LPTIM1_OUT
TIM1_CH2
-
-
-
-
-
LPUART1_
TX
-
QUADSPI1_
BK2_IO0
-
-
SAI1_SD_A
-
EVENT
OUT
PC2
-
LPTIM1_IN2
TIM1_CH3
COMP3_OUT
-
-
TIM20_CH2
-
-
-
QUADSPI1_
BK2_IO1
--
-
-
EVENT
OUT
PC3
-
LPTIM1_ETR
TIM1_CH4
SAI1_D1
-
-
TIM1_
BKIN2
--
-
QUADSPI1_
BK2_IO2
-
-
SAI1_SD_A
-
EVENT
OUT
PC4
-
-
TIM1_ETR
-
I2C2_
SCL
--
USART1_
TX
--
QUADSPI1_
BK2_IO3
--
-
-
EVENT
OUT
PC5
-
-
TIM15_BKIN
SAI1_D3
-
-
TIM1_
CH4N
USART1_
RX
-
---
-
HRTIM1_
EEV10
-
EVENT
OUT
PC6
-
-
TIM3_CH1
HRTIM1_EEV10
TIM8_
CH1
-
I2S2_MCK
COMP6_
OUT
I2C4_SCL
-
-
-
-
HRTIM1_
CHF1
-
EVENT
OUT
PC7
-
-
TIM3_CH2
HRTIM1_FLT5
TIM8_
CH2
-
I2S3_MCK
COMP5_
OUT
I2C4_SDA
-
-
-
-
HRTIM1_
CHF2
-
EVENT
OUT
PC8
-
-
TIM3_CH3
HRTIM1_CHE1
TIM8_
CH3
-
TIM20_CH3
COMP7_
OUT
I2C3_SCL
-
-
-
-
-
-
EVENT
OUT
PC9
-
-
TIM3_CH4
HRTIM1_CHE2
TIM8_
CH4
I2SCKIN
TIM8_
BKIN2
-
I2C3_SDA
-
-
-
-
-
-
EVENT
OUT
PC10
-
-
-
-
TIM8_
CH1N
UART4_TX
SPI3_SCK/
I2S3_CK
USART3_
TX
-
---
-
HRTIM1_
FLT6
-
EVENT
OUT
PC11
-
-
-
HRTIM1_EEV2
TIM8_
CH2N
UART4_RX
SPI3_MISO
USART3_
RX
I2C3_SDA
-
-
-
-
-
-
EVENT
OUT
PC12
-
TIM5_CH2
-
HRTIM1_EEV1
TIM8_
CH3N
UART5_TX
SPI3_MOSI
/I2S3_SD
USART3_
CK
-
---
-
-
UCPD1_
FRSTX
EVENT
OUT
PC13
-
-
TIM1_BKIN
-
TIM1_
CH1N
-
TIM8_
CH4N
-
-
---
-
-
-
EVENT
OUT
PC14
-
-
-
-
-
-
-
-
-
---
-
-
-
EVENT
OUT
PC15
-
-
-
-
-
-
-
-
-
---
-
-
-
EVENT
OUT
Table 13. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
I2C4/
SYS_AF
LPTIM1/
TIM2/5/
15/16/17
I2C1/3/
TIM1/2/3/4/5/8/
20/15/
COMP1
QUADSPI1/
I2C3/4/SAI1/US
B/HRTIM1/
TIM8/20/15/
COMP3
I2C1/2/3/
4/TIM1/8/
16/17
QUADSPI1
/SPI1/2/3/4/
I2S2/3/I2C4/
UART4/5/
TIM8/
Infrared
QUADSPI1/
SPI2/3/I2S2
/3/TIM1/5/8/
20/Infrared
USART1/2/3
/FDCAN/CO
MP7/5/6
I2C3/4/UAR
T4/5/LPUA
RT1/COMP
1/2/7/4/5/6/
3
FDCAN/T
IM1/8/15/
FDCAN1/
2
QUADSPI1/
TIM2/3/4/8/1
7
LPTIM1/
TIM1/8/F
DCAN1/3
FMC/LPUART1
/SAI1/HRTIM1/
TIM1
SAI1SAI1/HR
TIM1/OPAMP
2
UART4/5/
SAI1/TIM
2/15/
UCPD1
EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com