Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474XC Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 12Page - STMicroelectronics STM32G474XC Datasheet HTML 13Page - STMicroelectronics STM32G474XC Datasheet HTML 14Page - STMicroelectronics STM32G474XC Datasheet HTML 15Page - STMicroelectronics STM32G474XC Datasheet HTML 16Page - STMicroelectronics STM32G474XC Datasheet HTML 17Page - STMicroelectronics STM32G474XC Datasheet HTML 18Page - STMicroelectronics STM32G474XC Datasheet HTML 19Page - STMicroelectronics STM32G474XC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 236 page
background image
Description
STM32G474xB STM32G474xC STM32G474xE
16/236
DS12288 Rev 4
GPIOs
Wakeup pins
38 in
LQFP48
42 in
UFQFPN48
3
52
4
67 in
WLCSP81
66 in
LQFP80
4
86
5
102
5
107
5
12-bit ADCs
Number of channels
5
20 in
LQFP48
21 in
UFQFPN48
26
42 in
WLCSP81
41 in
LQFP80
42
42
42
12-bit DAC
Number of channels
4
7 (3 external + 4 internal)
Internal voltage reference
buffer
Yes
PWM channels (all)
33
41
42
48
48
48
PWM channels
(except complementary)
28
30
32
33
33
33
Analog comparator
7
Operational amplifiers
6
Max. CPU frequency
170 MHz
Operating voltage
1.71 V to 3.6 V
Operating temperature
Ambient operating temperature: -40 to 85 °C /-40 to 125 °C
Packages
LQFP48/
UFQFPN48
LQFP64
WLCSP81
LQFP80
LQFP100/
TFBGA100
UFBGA121
LQFP128
1. For the LQFP100 package, only FMC bank1 and NAND bank are available. Bank1 can only support a multiplexed
NOR/PSRAM memory using the NE1 chip select.
2. For the UFBGA121 package, only FMC bank1/bank4 and NAND bank are available. Bank1/Bank4 can only support a
multiplexed NOR/PSRAM memory using the NE1/NE4 chip select.
3. The SPI2/3 interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
Table 2. STM32G474xB/xC/xE features and peripheral counts (continued)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com