Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G474XC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 98Page - STMicroelectronics STM32G474XC Datasheet HTML 99Page - STMicroelectronics STM32G474XC Datasheet HTML 100Page - STMicroelectronics STM32G474XC Datasheet HTML 101Page - STMicroelectronics STM32G474XC Datasheet HTML 102Page - STMicroelectronics STM32G474XC Datasheet HTML 103Page - STMicroelectronics STM32G474XC Datasheet HTML 104Page - STMicroelectronics STM32G474XC Datasheet HTML 105Page - STMicroelectronics STM32G474XC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 236 page
background image
1. Reduced code used for characterization results provided in Table 21, Table 23.
Table 28. Current consumption in Sleep and Low-power sleep mode Flash ON
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Sleep)
Supply current
in Sleep mode
fHCLK = fHSE
up to 48 MHz
included, bypass
mode PLL ON
above 48 MHz all
peripherals disable
Range 2
26 MHz
0.98
1.1
1.75
2.4
3.75
1.40
2.00
4.00
5.90
9.80
mA
16 MHz
0.67
0.835 1.45
2.15
3.5
1.10
1.60
3.60
5.50
9.40
8 MHz
0.44
0.605 1.25
2
3.35
0.71
1.30
3.30
5.20
9.00
4 MHz
0.33
0.5
1.1
1.9
3.25
0.55
1.20
3.10
5.00
8.90
2 MHz
0.27
0.445 1.05
1.85
3.2
0.46
1.10
3.00
4.90
8.80
1 MHz
0.24
0.415 1.05
1.8
3.15
0.41
0.97
2.90
4.80
8.70
100 KHz
0.21
0.385 0.995
1.8
3.1
0.37
0.93
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
6.60
6.95
7.8
8.9
10.5
8.60
8.80 11.00 14.00 19.00
Range 1
150 MHz
5.50
5.8
6.55
7.55
9.25
6.80
7.30
9.00
12.00 17.00
120 MHz
4.50
4.75
5.5
6.55
8.2
5.80
6.20
8.00
11.00 16.00
80 MHz
3.15
3.45
4.2
5.15
6.8
4.50
4.20
6.70
9.10
14.00
72 MHz
2.85
3.15
3.9
4.9
6.55
3.90
3.90
6.40
8.80
14.00
64 MHz
2.60
2.9
3.65
4.6
6.3
3.60
3.60
6.10
8.60
14.00
48 MHz
1.90
2.2
3
3.65
5.3
3.00
3.10
5.60
8.00
13.00
32 MHz
1.40
1.65
2.4
3.2
4.85
1.90
2.70
5.20
7.60
13.00
24 MHz
1.10
1.35
2.1
3
4.65
1.60
2.40
4.90
7.30
13.00
16 MHz
0.83
1.1
1.85
2.75
4.35
1.30
2.10
4.60
7.00
12.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com