Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7100A Datasheet(PDF) 60 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 60 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 56Page - WIZnet Co., Ltd W7100A Datasheet HTML 57Page - WIZnet Co., Ltd W7100A Datasheet HTML 58Page - WIZnet Co., Ltd W7100A Datasheet HTML 59Page - WIZnet Co., Ltd W7100A Datasheet HTML 60Page - WIZnet Co., Ltd W7100A Datasheet HTML 61Page - WIZnet Co., Ltd W7100A Datasheet HTML 62Page - WIZnet Co., Ltd W7100A Datasheet HTML 63Page - WIZnet Co., Ltd W7100A Datasheet HTML 64Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
W7100A Datasheet v1.2.5
60
1: UART transmitter is clocked by Timer2 overflow pulses
EXEN2 - Enable T2EX pin functionality
0: Ignore T2EX events
1: Allow capture or reload as a result of T2EX pin falling edge
TR2 - Start/Stop Timer2
0: Stop
1: Start
CT2 - Timer/Counter select
0: Internally clocked timer
1: External event counter. Clock source is T2 pin
CPRL2 - Capture/Reload select
0: Automatic reload occurs when Timer2 overflow or falling edge of
the T2EX pin with EXEN2=1. When RCLK or TCLK is set, this bit
is ignored and automatic reload when Timer2 overflows.
1: On the falling edge of T2EX pin, capture is activated when EXEN
2=1.
Figure 5.14 Timer/Counter2, 16-Bit Timer/Counter with Auto-Reload
5.2.2 Interrupts
The interrupt bits for Timer2 are shown below. An interrupt can be toggled by the IE register,
and priorities can be configured by the IP register.
IE (0xA8)
7
6
5
4
3
2
1
0
Reset
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0x00
Figure 5.15 Interrupt Enable Register — Timer2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com