Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7100A Datasheet(PDF) 68 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 68 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 64Page - WIZnet Co., Ltd W7100A Datasheet HTML 65Page - WIZnet Co., Ltd W7100A Datasheet HTML 66Page - WIZnet Co., Ltd W7100A Datasheet HTML 67Page - WIZnet Co., Ltd W7100A Datasheet HTML 68Page - WIZnet Co., Ltd W7100A Datasheet HTML 69Page - WIZnet Co., Ltd W7100A Datasheet HTML 70Page - WIZnet Co., Ltd W7100A Datasheet HTML 71Page - WIZnet Co., Ltd W7100A Datasheet HTML 72Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
W7100A Datasheet v1.2.5
68
7
Watchdog Timer
7.1
Overview
The Watchdog Timer is driven by the main system clock that is supplied by a series of dividers
as shown in the Figure below. The divider output is selectable and determines the timeout
intervals. When the timeout is reached, an interrupt flag will be set, and if enabled, a reset
will be occurred. When interrupt enable bit and global interrupt are enabled, the interrupt
flag will activate the interrupts. The reset and interrupt are completely discrete functions
that may be acknowledged separately, together or even ignored depending on the application.
Figure 7.1 Watchdog Timer Structure
7.2
Interrupts
Watchdog interrupt related bits are shown below. An interrupt can be turned on/off by the
IE (0xA8) and EIE (0xE8) registers, and high/low priorities can be set in the EIP EIP (0xF8)
register. The IE contains global interrupt system disable (0) / enable (1) bit called EA.
IE (0xA8)
7
6
5
4
3
2
1
0
Reset
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0x00
Figure 7.2 Interrupt Enable Register
EIE (0xE8)
7
6
5
4
3
2
1
0
Reset
-
-
-
EWDI
EINT5
EINT4
EINT3
EINT2
0x00
Figure 7.3 Extended Interrupt Enable Register
Note: EA - Enable global interrupt
EWDI - Enable Watchdog interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com