Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7100A Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 17Page - WIZnet Co., Ltd W7100A Datasheet HTML 18Page - WIZnet Co., Ltd W7100A Datasheet HTML 19Page - WIZnet Co., Ltd W7100A Datasheet HTML 20Page - WIZnet Co., Ltd W7100A Datasheet HTML 21Page - WIZnet Co., Ltd W7100A Datasheet HTML 22Page - WIZnet Co., Ltd W7100A Datasheet HTML 23Page - WIZnet Co., Ltd W7100A Datasheet HTML 24Page - WIZnet Co., Ltd W7100A Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
W7100A Datasheet v1.2.5
21
P2.7
99
-
IO
-
Port2 input/output, Ext Memory Addr15
P3.0
34
-
IO
-
Port3 input/output, Ext Memory Addr16
P3.1
35
-
IO
-
Port3 input/output, Ext Memory Addr17
P3.2
37
-
IO
-
Port3 input/output, Ext Memory Addr18
P3.3
39
-
IO
-
Port3 input/output, Ext Memory Addr19
P3.4
40
-
IO
-
Port3 input/output, Ext Memory Addr20
P3.5
41
-
IO
-
Port3 input/output, Ext Memory Addr21
P3.6
42
-
IO
-
Port3 input/output, Ext Memory Addr22
P3.7
43
-
IO
-
Port3 input/output, Ext Memory Addr23
Note: User can control the GPIO I/O driving voltage using PxPU/PxPD SFR.
Note: In that case, GPIO0~3 is used to transfer External memory address and data. Please
refer to the ‘2.3 External Data Memory Access’
1.4.2.7 External Memory Interface
Pin name
Num
I/O Type
Description
ALE
78
O
Data memory address bus [7:0] latch enable
nWR
79
OL
External data memory write
nRD
80
OL
External data memory read
Note: When user using External memory by standard 8051 interface, P0[7:0] can transfer
Data[7:0] or Address[7:0] by ALE pin control.
1.4.2.8 Media Interface
Pin name
Pin number
I/O
Pu/Pd
Description
100pin
64pin
TXON
52
32
O
-
TXON/TXOP Signal Pair, The differential data is
transmitted to the media on the TXON/TXOP
signal pair
TXOP
53
33
O
-
RXIN
55
35
I
-
RXIN/RXIP Signal Pair, The differential data from
the media is received on the RXIN/RXIP Signal
pair
RXIP
56
36
I
-
RESETBG
59
38
I
-
PHY Off-chip resistor, Connect a resistor of 12.3
㏀
±1% to the ground. Refer to the “Reference
schematic”
For the best performance,
1. Make the length of RXIP / RXIN signal pair (RX) same if possible.
2. Make the length of TXOP / TXON signal pair (TX) same if possible.
3. Locate the RXIP and RXIN signal as near as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com