Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1L-R44KMSRB-G Datasheet(PDF) 8 Page - IDEC Corporation

Part # HS1L-R44KMSRB-G
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R44KMSRB-G Datasheet(HTML) 8 Page - IDEC Corporation

  HS1L-R44KMSRB-G Datasheet HTML 1Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 2Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 3Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 4Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 5Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 6Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 7Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HS1L Interlock Switches with Solenoid
Instructions
9 mm max.
G1/2, PG13.5, M20
When Using Flexible Conduit (Example)
Flexible conduit example: VF-03 (Nihon Flex)
Conduit Port Size Plastic Cable Gland
Metal Cable Gland
G1/2
RLC-103 (Nihon Flex)
PG13.5
RBC-103PG13.5 (Nihon Flex)
M20
RLC-103EC20 (Nihon Flex)
When Using Multi-core Cables (Example)
Flexible conduit example: VF-03 (Nihon Flex)
Conduit Port Size
Plastic Cable Gland
Metal Cable Gland
G1/2
SCS-10
(Seiwa Electric)
ALS-16
(Nihon Flex)
PG13.5
ST13.5
(K-MECS)
ABS-PG13.5
(Nihon Flex)
M20
ST-M20X1.5
(K-MECS) (Note)
ALS-EC20
(Nihon Flex)
Different cable glands are used depending on the cable sheath exter-
naldiameter.Whenpurchasingacablegland,confirmthatthecable
gland is applicable to the external diameter of the cable sheath.
Note: When using the ST-M20X1.5 cable gland, use with a gasket
(GPM20, K-MECS).
Conduit Port Opening
Make an opening for wiring by breaking one of the conduit-
port knockouts on the interlock switch housing using a
screwdriver.
Before opening the conduit port, remove the cable gland
locking ring inside the interlock switch.
When breaking the conduit port, take care not to damage the
contact block or other parts inside the interlock switch.
Cracks or burrs on the conduit entry may affect the water
resistance of the interlock switch.
If a different conduit port is used, cover the unused opening
with an optional plug (part number: HS9Z-P1).
Recommended Tightening Torque
HS1L interlock switch: 3.2 to 3.8 N·m (four M5 screws) (Note)
Lid:
0.9 to 1.1 N·m (M4 screws)
Terminal:
0.6 to 0.8 N·m (M3 screws)
Cable gland:
2.7 to 3.3 N·m
Actuators
HS9Z-A1S/A2S: 2.7 to 3.3 N·m (two M5 screws) (Note)
HS9Z-A3S:
4.5 to 5.5 N·m (two M6 screws) (Note)
Note:The above recommended tightening torque of the mounting
screws are the values when using hex socket head bolts. When
other screws are used and tightened to a smaller torque, make
sure that the screws do not become loose after mounting.
Wire Length Inside the Interlock Switch
Screw Terminal No.
Through Conduit Port
Wire Length
L1 (mm)
11
95 ± 2
45 ± 2
21
85 ± 2
35 ± 2
22
60 ± 2
70 ± 2
31/33
75 ± 2
35 ± 2
32/34
50 ± 2
60 ± 2
42
65 ± 2
95 ± 2
51
45 ± 2
70 ± 2
52
55 ± 2
85 ± 2
61/63
35 ± 2
60 ± 2
62/64
45 ± 2
75 ± 2
A1
50 ± 2
45 ± 2
A2
60 ± 2
40 ± 2
X1
70 ± 2
35 ± 2
X2
80 ± 2
35 ± 2
Wire Stripping Length: L2 (mm)
7 ± 1
11
12
21
22
41
42
51
52
A1
A2
X2
X1
31/33
32/34
61/63
62/64
Interlock
Switch
Connector
Note:
HS1L-R
Do not remove the wire between terminals 12-41, because these
terminals are interconnected for safety circuit input. Use terminals
11-42 for safety circuit inputs. (GS-ET-19)
HS1L-DQ and HS1L-DT
Do not remove the wires between terminals 12-41 and 22-51, be-
cause these terminals are interconnected for safety circuit inputs.
Use terminals 11-42 and 21-52 for safety circuit inputs. (GS-ET-19)
Plug (HS9Z-P1)
ø26
G1/2
8
7-31, Nishi-Miyahara 1-Chome, Yodogawa-ku, Osaka 532-8550, Japan
Tel: +81-6-6398-2571, Fax: +81-6-6392-9731
E-mail: marketing@idec.co.jp
Specifications and other descriptions in this catalog are subject to change without notice.
Cat. No. EP1286-0-1 Updated October 2010 PDF only
IDEC ELECTRONICS LIMITED
Tel: +44-1256-321000, Fax: +44-1256-327755
E-mail: sales@uk.idec.com
IDEC ELEKTROTECHNIK GmbH
Tel: +49-40-25 30 54 - 0, Fax: +49-40-25 30 54 - 24
E-mail: service@idec.de
IDEC (SHANGHAI) CORPORATION
Tel: +86-21-5353-1000, Fax: +86-21-5353-1263
E-mail: idec@cn.idec.com
IDEC (BEIJING) CORPORATION
Tel: +86-10-6581-6131, Fax: +86-10-6581-5119
IDEC (SHENZHEN) CORPORATION
Tel: +86-755-8356-2977, Fax: +86-755-8356-2944
IDEC IZUMI (H.K.) CO., LTD.
Tel: +852-2803-8989, Fax: +852-2565-0171
E-mail: info@hk.idec.com
IDEC TAIWAN CORPORATION
Tel: +886-2-2698-3929, Fax: +886-2-2698-3931
E-mail: service@tw.idec.com
IDEC IZUMI ASIA PTE. LTD.
Tel: +65-6746-1155, Fax: +65-6844-5995
E-mail: info@sg.idec.com
www.IDEC.com
IDEC CORPORATION (USA)
Tel: +1-408-747-0550 / (800) 262-IDEC (4332)
Fax: +1-408-744-9055 / (800) 635-6246
E-mail: opencontact@idec.com
IDEC CANADA LIMITED
Tel: +1-905-890-8561, Toll Free: (888) 317-4332
Fax: +1-905-890-8562
E-mail: sales@ca.idec.com
IDEC AUSTRALIA PTY. LTD.
Tel: +61-3-9763-3244, Toll Free: 1800-68-4332
Fax: +61-3-9763-3255
E-mail: sales@au.idec.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com