Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1L-R44KMSRB-G Datasheet(PDF) 7 Page - IDEC Corporation

Part # HS1L-R44KMSRB-G
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R44KMSRB-G Datasheet(HTML) 7 Page - IDEC Corporation

  HS1L-R44KMSRB-G Datasheet HTML 1Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 2Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 3Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 4Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 5Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 6Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 7Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HS1L Interlock Switches with Solenoid
Instructions
Mounting Examples
Installtheinterlockswitchandactuatorreferringtothefigures
below.
Application on Slinding Doors
Door
Interlock Switch
HS9Z-A1S
Latch
Door Stop
Application on Hinged Doors
Door
Interlock Switch
HS9Z-A2S
HS9Z-A1S
Latch
For Manual Unlocking
Spring lock type
The HS1L allows manual unlocking of the actuator to pre-check
proper door movement before wiring or turning power on, as
well as for emergency use such as in the case of a power fail-
ure.
Solenoid lock type
The solenoid lock type interlock switch normally does not need
to be manually unlocked. However, only when the interlock
switch would not release the actuator even though the solenoid
is de-energized, the interlock switch can be unlocked manually.
Unlock the interlock switch manually only when the solenoid is
de-energized. Do not unlock the interlock switch manually when
the solenoid is energized.
Using manual unlock key
When locking or unlocking the interlock switch manually, turn
•
the key fully using the manual unlock key supplied with the
interlock switch.
Using the interlock switch with the key not fully turned (less
•
than 90°) may cause damage to the interlock switch or op-
eration failure. When manually unlocked, the interlock switch
will keep the main circuit disconnected and the door unlocked.
Main circuit and lock monitor circuit remain open.
Do not leave the manual unlock key attached to the interlock
•
switch during operation. This is dangerous and does not satis-
fy safety standard requirements, because the interlock switch
can always be unlocked while the machine is in operation.
Manual Unlocking Position
Normal Position
UNLOCK
UNLOCK
Manual unlocking key
(supplied with the switch)
Unlocking from the back of interlock switch
•
Insert the tip of a small screwdriver into the oblong hole on the
back of the interlock switch, and tilt toward the center of the
switch until the actuator is unlocked.
Note: Provide a hole on the mounting panel for unlocking from
the back. When making a hole in the panel, take water-
proof characteristics into consideration.
2.6
Safety Precautions
Before manually unlocking the interlock switch, make sure that
the machine has come to a complete stop. Manual unlocking
during operation may unlock the interlock switch before the ma-
chine stops, and the function of interlock switch with solenoid
is lost.
On the solenoid lock type, manual unlocking is provided for the
situation where the switch cannot be unlocked even though the
solenoid has turned off. Do not attempt manual unlocking while
the solenoid is energized.
Cover Opening and Closing Precautions
When opening the cover before wiring, make sure to open
•
onlythecovershownthefollowingfigure.Removingunneces-
sary screws may cause a failure of the interlock switch.
Use HS9Z-T1 key wrench for TORX screw when removing
•
and installing the cover.
Make sure that no foreign objects such as dust, water, or oil
•
enter the interlock switch when wiring.
HS9Z-T1
L-shaped wrench
(supplied with the switch)
Lid
T20
Applicable Crimping Terminal
4.2 min.
ø3.2 min.
Insulation Tube
Wire
Approx.
4 mm
Applicable
Crimping
Terminal
Use an insulation tube on the crimping terminal.
•
When using stranded wires, make sure that loose wires do
•
not cause a short circuit. Also, do not solder the terminal to
prevent loose wires.
Applicable Crimping Terminal
Applicable Wire
N0.5-3 / FN0.5 (JST)
0.2 to 0.5mm2
N1.25-MS3 (JST)
0.25 to 1.65mm2
V1.25-YS3A (JST)
0.25 to 1.65mm2
Applicable Wire Size
0.5 to 1.5mm
•
2
Applicable Cable Glands
Use IP67 cable glands.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com