Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1L-R44KMSRB-G Datasheet(PDF) 6 Page - IDEC Corporation

Part # HS1L-R44KMSRB-G
Description  HS1L Interlock Switches with Solenoid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

HS1L-R44KMSRB-G Datasheet(HTML) 6 Page - IDEC Corporation

  HS1L-R44KMSRB-G Datasheet HTML 1Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 2Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 3Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 4Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 5Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 6Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 7Page - IDEC Corporation HS1L-R44KMSRB-G Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HS1L Interlock Switches with Solenoid
Safety Precautions
!
Inordertoavoidelectricshockorfire,turnpoweroffbefore
•
installation, removal, wiring, maintenance, or inspection of the
interlock switch.
If relays are used in the circuit between the interlock switch
•
and the load, consider the danger, and use safety relays,
since welded or sticking contacts of standard relays may in-
validate the functions of the interlock switch. Perform a risk
assessmentandestablishasafetycircuitwhichsatisfiesthe
requirement of the safety category.
Do not place a PLC in the circuit between the interlock switch
•
and the load. Safety security can be endangered in the event
of a malfunction of the PLC.
Do not disassemble or modify the interlock switch, otherwise
•
the switch may fail or an accident may occur.
Do not install the actuator in a location where someone may
•
come in contact with it as injury may occur.
Install the actuator where it does not touch anyone when the
•
door is opened/closed as injury may occur.
The solenoid lock type is locked when energized, and un-
•
locked when de-energized. When energization is interrupted
due to wire disconnection or other failures, the interlock switch
may be unlocked causing possible danger to the operators.
Solenoid lock type must not be used in applications where
locking is required for safety. Perform a risk assessment and
determine whether a solenoid lock type is appropriate.
In order to prevent the interlock switch and actuator from be-
•
ing removed without authorization, it is recommended to in-
stall an one-way screw or a screw that needs a special tool for
removal. Welding or rivets are also recommended.
Instructions
Regardless of door types, do not use the interlock switch as
•
a door stop. Install a mechanical door stop at the end of the
door to protect the interlock switch from excessive force.
Make sure that no force is applied on the actuator, otherwise
•
the actuator may not unlock properly.
Do not apply excessive shock to the interlock switch when
•
opening or closing the door. A shock to the interlock switch ex-
ceeding 1,000m/s2 may cause damage to the interlock switch.
If the operating atmosphere is contaminated, use a protective
•
cover to prevent the entry of foreign objects into the interlock
switch through the actuator entry slots. Entry of foreign ob-
jects into the interlock switch may affect the mechanism of the
interlock switch and cause it to fail.
Plug the unused actuator entry slot using the slot plug sup-
•
plied with the interlock switch.
Do not store the interlock switches in a dusty, humid, or or-
•
ganic-gas atmosphere, or where the switches are exposed to
direct sunlight.
Use proprietary actuators only. The interlock switch may be
•
damaged if other actuators are used, .
The actuator retention force is 3000N. Do not apply a load
•
higher than the rated value. When a higher load is expected,
provide an additional system consisting of another interlock
switch without lock (such as the HS5D interlock switch) or a
sensor to detect door opening and stop the machine.
Regardless of the door, do not use the interlock switch as a
•
door lock. Install a separate lock using a latch or other device.
While the solenoid is energized, the interlock switch tempera-
•
ture rises approximately 40°C above the ambient tempera-
ture (to approximately 95°C while the ambient temperature is
55°C). To prevent burns, do not touch. If cables might come
into contact with the interlock switch, use heat-resistant ca-
bles.
The interlock switch solenoid has polarity. Be sure of the cor-
•
rect polarity when wiring.
Minimum Radius of Hinged Door
When using the interlock switch for a hinged door, refer to
the minimum radius of doors as shown below. For doors with
a small minimum radius, use actuators with adjustable angle
(HS9Z-A3S).
Note: The following values apply when the actuator does not interfere with
the interlock switch when opening and closing the door. Because de-
viation or dislocation of hinged door may occur in actual applications,
make sure of the correct operation before installation.
When using HS9Z-A2S Actuator
When the door hinge is on the extension line of the interlock
•
switch surface:
Door Hinge
Door Hinge
When the door hinge is on the extension line of the actuator
•
mounting surface:
Door Hinge
Door Hinge
When using HS9Z-A3S Actuator
When the door hinge is on the extension line of the interlock
•
switch surface: 50mm
When the door hinge is on the extension line of the actuator
•
mounting surface: 80mm
80
mm
50
mm
Door Hinge
Minimum
Radius
Minimum
Radius
Door Hinge
Actuator Angle Adjustment
Using the angle adjustment screw, the actuator angle can
•
be adjusted (refer to the dimensional drawing on page 4).
Adjustable angle: 0 to 20°
The larger the adjusted angle of the actuator, the smaller the
•
applicable radius of the door opening. After installing the actu-
ator, open the door. Then adjust the actuator so that its edge
can be inserted properly into the actuator entry slot of the in-
terlock switch.
After adjusting the actuator angle, apply Loctite to the adjust-
•
ment screw so that the screw will not move.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com