Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE36U-1AT-R Datasheet(PDF) 6 Page - Phihong USA Inc.

Part # POE36U-1AT-R
Description  33.6W Power over Ethernet Adapter High Power Single Port Injector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36U-1AT-R Datasheet(HTML) 6 Page - Phihong USA Inc.

  POE36U-1AT-R Datasheet HTML 1Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 2Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 3Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 4Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 5Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 6Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supplier’s Declaration of Conformity
47 CFR § 2.1077 Compliance Information
Phihong USA Corporation
47800 Fremont Boulevard
Fremont, CA 94538
Telephone: (510) 445-0100
www.phihong.com
NOTE: This model has/The models in this products series have been tested and found to comply with the limits for a
Class B digital device, pursuant to part 15 of the FCC Rules. These limits are designed to provide reasonable
protection against harmful interference in a residential installation. This equipment generates, uses and can radiate
radio frequency energy and, if not installed and used in accordance with the instructions, may cause harmful
interference to radio communications. However, there is no guarantee that interference will not occur in a particular
installation. If this equipment does cause harmful interference to radio or television reception, which can be
determined by turning the equipment off and on, the user is encouraged to try to correct the interference by one or
more of the following measures:
—Reorient or relocate the receiving antenna.
—Increase the separation between the equipment and receiver.
—Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
—Consult the dealer or an experienced radio/TV technician for help.
Changes or modifications to equipment not expressly approved by PHIHONG could void the user’s authority to
operate the equipment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com