Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE36U-1AT-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # POE36U-1AT-R
Description  33.6W Power over Ethernet Adapter High Power Single Port Injector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36U-1AT-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  POE36U-1AT-R Datasheet HTML 1Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 2Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 3Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 4Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 5Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 6Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision 12/11/2018
WWW.PHIHONG.COM
33.6W Power over Ethernet Adapter
High Power Single Port Injector
Features
• Compliant with the IEEE802.3at
Standard
• Cisco AP1250 Full Power Support
• Non-Vented Case
• Diagnostic LEDs
• Full Protection OCP, OVP
• Gigabit Compatible
• 1 Year Warranty
Applications
• IP Telephones
• Security Cameras with
Pan/Tilt/Zoom
• Wireless Network Access Points
• IP Print Servers
• Blue Tooth Access Point
Safety Approvals
• CE
• cUL/US
• C-Tick
• SAA
Mechanical Characteristics
• Length: 140mm (5.51in)
• Height: 36mm (1.42in)
• Width: 65mm (2.55in)
• Weight: 0.2Kg (0.44lb.)
Output Specifications
Notes: (1) Consult factory for availability
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for
the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Regulation
Min.
Max.
Line
Load
POE36U-1AT-R
1
56V
0A
0.60A
54-57Vdc under all conditions


Similar Part No. - POE36U-1AT-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE36U-1AT PHIHONG-POE36U-1AT Datasheet
90Kb / 3P
33.6W Power Over Ethernet Adapter
POE36U-1AT PHIHONG-POE36U-1AT_14 Datasheet
172Kb / 3P
33.6W Power over Ethernet Adapter
More results

Similar Description - POE36U-1AT-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE36U-1AT PHIHONG-POE36U-1AT Datasheet
90Kb / 3P
33.6W Power Over Ethernet Adapter
POE33S-1AT-N PHIHONG-POE33S-1AT-N Datasheet
350Kb / 5P
33.6W Power over Ethernet Waterproof Adapter
POE33U-1AT PHIHONG-POE33U-1AT Datasheet
353Kb / 5P
33.6W Power over Ethernet Waterproof Adapter
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
33.6W Power over Ethernet Adapter
POE36U-1AT PHIHONG-POE36U-1AT_14 Datasheet
172Kb / 3P
33.6W Power over Ethernet Adapter
POE60U-560G-14 PHIHONG-POE60U-560G-14 Datasheet
78Kb / 3P
60W Power over Ethernet Adapter Ultra Power Single Port Injector
POE75U PHIHONG-POE75U Datasheet
147Kb / 4P
75W Power over Ethernet Adapter Ultra Power over Ethernet Single Port Injector
POE20D-1AF PHIHONG-POE20D-1AF_18 Datasheet
393Kb / 4P
19.6W Power over Ethernet Adapter DC Input Single Port Injector
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE36D-1AT PHIHONG-POE36D-1AT_18 Datasheet
331Kb / 4P
33.6W Power over Ethernet Adapter DC Input High Power Single Port Injector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com