Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE36U-1AT-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE36U-1AT-R
Description  33.6W Power over Ethernet Adapter High Power Single Port Injector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36U-1AT-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE36U-1AT-R Datasheet HTML 1Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 2Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 3Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 4Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 5Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 6Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC
AC Input Current
1.0A (RMS) and 90VAC at maximum load
.55A (RMS) and 240VAC at maximum load
AC Input Frequency
47 to 63Hz
OUTPUT:
Total Output Power
33.6W
DC Offset
No Data degradation with DC imbalance
18mA
Ripple and Regulation
100mV maximum
Efficiency
78% at max load, and 120VAC 60Hz
Transient O/P Voltage Protection
60V max at switch on/off at AC line phase
ENVIRONMENTAL:
Temperature
Operation
-20 to +50°C
Non-operation
-20 to +65°C
Humidity
5 to 90%
EMC
Complies with FCC Class B
Complies with EN55032 Class B
Isolation Test
Primary to Secondary: 4242 VDC for 1 minute
10mA
Primary to Field Ground: 2121VDC for 1
minute
Output to Field Ground: 2121VDC
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips EN61000-4-11
Harmonic:
EN61000-3-2
Insulation Resistance
Primary to Secondary: >10M OHM 500VDC
Primary to Field Ground: >10M OHM
500VDC
FEATURE:
CiscoNo extern parts required for Legacy
devices: VoIP Phones:7910, 7912, 7940, 7960
Access Points:1040, 1140, 1250, 1260, 3500
Over Voltage/Current, Short Circuit
Protection
Outputs equipped with short circuit protection
and overload protection as per 802.3at
specification.The output can be shorted
permanently without damage
Indicators
Green LED 1: Input power “ON”
Green LED 2: Valid IEEE802.3at load
detected and connected “PoE PLUS”
Green LED 3: Valid IEEE802.3af load
detected and connected
Input Connector
IEC320 3 pin
Output Connection
+pins 3, 6
-pins 1, 2
Warranty
1 Year
POE36U Characteristics
WWW.PHIHONG.COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com