Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-EZCONNECT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PI-EZCONNECT
Description  Pi-EzConnect makes it possible to connect multiple sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-EZCONNECT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PI-EZCONNECT Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pi-EzConnect
© 2016 Alchemy Power Inc. All Rights Reserved. 09-16
All information subject to change without notice.
Alternately, the I2C bus
connections can be
connected to the terminal
blocks as shown. The
connections cannot come off
easily as they are held down
securely.
Both methods – the first one
using solders to connect
headers, and the second
method using solderless
connections allow
connections to the I2C bus.
The terminal blocks
provide access to all
GPIOs on the
Raspberry Pi. They
also provide access to
3.3V, 5V as well as
Ground.
The header pins can
be extended to allow
connections to another
board stacked on top
of the Pi-EzConnect
board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com