Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-EZCONNECT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PI-EZCONNECT
Description  Pi-EzConnect makes it possible to connect multiple sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-EZCONNECT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PI-EZCONNECT Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Pi-EzConnect
© 2016 Alchemy Power Inc. All Rights Reserved.
All information subject to change without notice.
Specifications
General Information
Model Number: Pi-EzConnect.
Protection: resettable 8V, 1.6A fuse. Protects 3.3V
and 5V power.
GPIO and pin connections: Displayed on the board. G
followed by number corresponds to GPIO number.
P followed by number corresponds to pin number.
For example G3, P5 corresponds to GIPO 5, Pin 3.
Header connections: 0.1” or 2.54 mm spaced
headers, male or female.
Standoff connections: Matches Raspberry Pi model
A+, B+, Pi 2 and Pi 3. Recommend brass standoff’s
for Raspberry Pi.
Other information: A minimum of 2 solder points for
each Raspberry Pi header pin or GPIO (except
those pins which are reserved by Raspberry Pi
foundation).
Breadboard: Ten (10) connection strings for
breadboard – each string has seven (7) connection
points.
Dimension/Weight:
Board Dimensions: 69mmx56mm.
Board thickness: 1.5mm.
Terminal Blocks: 9mm from base of the board.
Weight: 32 grams (appx 1.2 ounces)
Raspberry Pi connector header dimensions: Female
pins – 11mm, male pins 12mm (note – board
thickness is appx 2 mm – so only 10mm of the
pins are accessible.)
Safety:
Passive board. Power ports connect to power pins
on the Raspberry Pi.
Warranty:
90 days parts and labor limited warranty.
Recommended Accessories:
Most accessories can be purchased from several web
sites or online stores. Adafruit™ web site
(www.adafruit.com) accessories are listed as a
reference only.
Standoff – example, Adafruit Product ID 2336 or
2337
Headers – example, Adafruit Product ID 85 – 0.1” or
2.54 mm spaced male or female headers.
Please follow recommended safety regulations when soldering or
using electronic components or making connections or connecting
power supplies to Raspberry Pi.
™ Adafruit is a registered trademark of Adafruit Industries, LLC.
Alchemy Power Inc.
2098 Walsh Avenue, Suite A,
Santa Clara, CA 95050-2544
Phone: 650.823.2316
Email: sales@alchemypower.com
www.alchemy-power.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com