Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-EZCONNECT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PI-EZCONNECT
Description  Pi-EzConnect makes it possible to connect multiple sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PI-EZCONNECT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PI-EZCONNECT Datasheet HTML 1Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 2Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 3Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 4Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 5Page - List of Unclassifed Manufacturers PI-EZCONNECT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pi-EzConnect
© 2016 Alchemy Power Inc. All Rights Reserved. 09-16
All information subject to change without notice.
Pi-EzConnect
Pi-EzConnect makes it
possible to connect
multiple sensors (and
other electronic devices
/ components) to
multiple GPIOs on a
Raspberry Pi. With Pi-
EzConnect, you are no
longer limited in the use
of a Raspberry Pi.
Leverage all the GPIO
pins on the Raspberry
Pi. Whether the
Raspberry Pi is used as
a data logger, a drone,
a robot, for video
surveillance or anything
else, you need to connect sensors as well as other electronic
components such as pull up or pull down resistors, LED’s etc.
These sensors are then managed by the Raspberry Pi. Pi-
EzConnect stacks on top of a Raspberry Pi making it possible to
add multiple sensors to the Raspberry Pi in the same foot print as
the Raspberry Pi. Further, these sensors are securely connected
using terminal blocks.
Pi-
EzConnect
simplifies
the addition
of sensors.
An example
of adding a
temperature
probe is
shown.
Key Features
 Allows multiple
digital sensors
(GPIO) to be
connected to a
single Raspberry Pi
– leveraging the
full power of the
Raspberry Pi
Solderless or
soldered
connections for all
GPIO’s on a
Raspberry Pi
Mini
breadboard for
adding
components
Add standard
male or female
headers for
breadboard like
functionality
Power (both 5V
and 3.3V) as well
as ground
connections
available
Fuses protect
5V bus as well as
3.3 V bus
Compact
footprint – fits
easily on top of a
Raspberry Pi
Fully
documented pins –
easily connect to
pin numbers or
GPIO number
without referring
to external charts


Similar Part No. - PI-EZCONNECT

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
PI-001 FARADAY-PI-001 Datasheet
74Kb / 3P
PARALLEL TO SDI CONVERTER CARD WITH OPTIONAL EDH INSERTION
PI-002 FARADAY-PI-002 Datasheet
74Kb / 3P
CONVERTER CARD
PI-003 FARADAY-PI-003 Datasheet
232Kb / 3P
PARALLEL DATA TO CVBS 10 BIT
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
More results

Similar Description - PI-EZCONNECT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5013RGBAMPLIFIER ETC2-5013RGBAMPLIFIER Datasheet
150Kb / 1P
Strip amplifier, it makes long LED strip implementation much more conveniently.
SD4661 ETC2-SD4661 Datasheet
77Kb / 3P
The small footprint of MicroSD memory makes it ideal for use in mobile phones
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
Special versions possible
RES-WFH OHMITE-RES-WFH Datasheet
319Kb / 2P
Multiple resistors in one profile possible
logo
PHOENIX CONTACT
CRIMPFOX-M PHOENIX-CRIMPFOX-M Datasheet
98Kb / 6P
The variety of inserts makes it a space-saving universal tool for all applications
2702305 PHOENIX-2702305 Datasheet
52Kb / 2P
The cable serves to connect multiple 600 class PLD enclosure lights in series.
2702499 PHOENIX-2702499 Datasheet
83Kb / 4P
It is used to acquire signals from resistive temperature sensors.
2719629 PHOENIX-2719629 Datasheet
66Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2722771 PHOENIX-2722771 Datasheet
67Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 PHOENIX-2725888 Datasheet
64Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com