Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD30 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SCD30
Description  CO2, humidity, and temperature sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD30 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SCD30 Datasheet HTML 1Page - Sensirion AG Switzerland SCD30 Datasheet HTML 2Page - Sensirion AG Switzerland SCD30 Datasheet HTML 3Page - Sensirion AG Switzerland SCD30 Datasheet HTML 4Page - Sensirion AG Switzerland SCD30 Datasheet HTML 5Page - Sensirion AG Switzerland SCD30 Datasheet HTML 6Page - Sensirion AG Switzerland SCD30 Datasheet HTML 7Page - Sensirion AG Switzerland SCD30 Datasheet HTML 8Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.sensirion.com
Version 1.0 – D1 – May 2020
3/8
Electrical Specifications
Parameter
Conditions
Value
Average current10
Update interval 2 s
19 mA
Max. current
During measurement
75 mA
DC supply voltage (Vddmin - Vddmax)
Min. and max. criteria to operate SCD30
3.3 V – 5.5 V
Interface
-
UART (Modbus Point to Point; TTL Logic),
PWM and I2C
Input high level voltage (VIH)
I2C
Min. and max. criteria to operate SCD30
1.75 V - 3.0 V
Input high level voltage (VIH)
Modbus
Min. and max. criteria to operate SCD30
1.75 V – 5.5 V
Input low level voltage (VIL)
I2C/Modbus
Min. and max. criteria to operate SCD30
- 0.3 V – 0.9 V
Output low level voltage (VOL)
I2C/Modbus
IIO = +8 mA, Max. criteria
0.4 V
Output high level voltage (VOH)
I2C/Modbus
IIO = -6 mA, Min. criteria
2.4 V
Table 4 SCD30 electrical specifications
Operation Conditions, Lifetime and Maximum Ratings
Parameter
Conditions
Value
Temperature operating conditions
Valid for CO2 sensor.
0 – 50°C
Humidity operating conditions
Non-condensing. Valid for CO2 sensor.
0 – 95 %RH
DC supply voltage
Exceeding specified range will result in
damage of the sensor.
- 0.3 V – 6.0V
Voltage to pull up selector-pin
Max criteria
4.0 V
Voltage to pull up selector-pin
Min criteria
1.75 V
Storage temperature conditions
Exceeding specified range will result in
damage of the sensor.
- 40°C – 70°C
Maintenance Interval
Maintenance free when ASC field-
calibration algorithm11 is used.
None
Sensor lifetime
-
15 years
Table 5: SCD30 operation conditions, lifetime and maximum ratings
10
Average current including idle state and processing. Other update rates for small power budgets can be selected via the digital interface.
11
CO2 concentrations < 400 ppm may result in sensor drifts. For proper function of ASC field-calibration algorithm SCD30 has to be exposed to air with 400 ppm
regularly.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com