Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD30 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SCD30
Description  CO2, humidity, and temperature sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD30 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SCD30 Datasheet HTML 1Page - Sensirion AG Switzerland SCD30 Datasheet HTML 2Page - Sensirion AG Switzerland SCD30 Datasheet HTML 3Page - Sensirion AG Switzerland SCD30 Datasheet HTML 4Page - Sensirion AG Switzerland SCD30 Datasheet HTML 5Page - Sensirion AG Switzerland SCD30 Datasheet HTML 6Page - Sensirion AG Switzerland SCD30 Datasheet HTML 7Page - Sensirion AG Switzerland SCD30 Datasheet HTML 8Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.sensirion.com
Version 1.0 – D1 – May 2020
5/8
3 Pin-Out Diagram
Pin
Comments
VDD
Supply Voltage
GND
Ground
TX/
SCL
Modbus: Transmission line (Push/Pull with 3V level)
I2C: Serial clock (internal 45kΩ pull-up resistor, pulled
to 3V, for higher voltages a level shifter is needed)
RX/
SDA
Modbus: Receive line (Input must not exceed 5.5V)
I2C: Serial data (internal 45kΩ pull-up resistor, pulled
to 3V, for higher voltages a level shifter is needed)
RDY
Data ready pin. High when data is ready for read-out
PWM
PWM output of CO2 concentration measurement
SEL
Interface select pin. Pull to VDD (do not exceed 4V, use
voltage divider in case your VDD is >4V) for selecting
Modbus, leave floating or connect to GND for selecting
I2C.
Figure 2: Pin-out of the SCD30.
4 Operation and Communication
Communication lines for I2C have an internal pull-up (45kOhm) to 3V, for higher voltages a level shifter is needed.
Check VIH level of your I2C master to determine communication voltage. Please visit the download center of Sensirion
webpage for the I2C, Modbus and PWM interface documentation 12.
5 Shipping Package
SCD30 sensor is shipped in stackable trays with 40 pieces each. The tray dimension is 363 mm x 257 mm x 19 mm.
Stacking of trays results in an effective tray height of 13 mm.
6 Ordering Information
SCD30 and accessory can be ordered via the following article numbers.
Product
Description
Article Number
SCD30 sensor
CO2, RH and T sensor module
1-101625-10
SEK-SCD30-Sensor
Standalone SCD30 sensor for EvalKit
3.000.061
SEK-SensorBridge
Sensor Bridge to connect SEK-SCD30-Sensor to computer
3.000.124
12
www.sensirion.com/file/scd30_interface_description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com