Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD30 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SCD30
Description  CO2, humidity, and temperature sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD30 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SCD30 Datasheet HTML 1Page - Sensirion AG Switzerland SCD30 Datasheet HTML 2Page - Sensirion AG Switzerland SCD30 Datasheet HTML 3Page - Sensirion AG Switzerland SCD30 Datasheet HTML 4Page - Sensirion AG Switzerland SCD30 Datasheet HTML 5Page - Sensirion AG Switzerland SCD30 Datasheet HTML 6Page - Sensirion AG Switzerland SCD30 Datasheet HTML 7Page - Sensirion AG Switzerland SCD30 Datasheet HTML 8Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.sensirion.com
Version 1.0 – D1 – May 2020
4/8
2 Package Outline Drawing
Figure 1 Product outline drawing of SCD30. Pictures on the left show top-view, pictures on the right bottom-view.
Sensor height is 7 mm at the thickest part of SCD30. The weight of one SCD30 sensor is 3.4 g.
Table 6: Nominal dimensions and tolerances SCD30
Dimension
A
B
C
D
E
F
G
H
Nominal [mm]
23.00
35.00
7.00
1.60
1.00
15.24
1.40
1.40
Tolerance [mm]
± 0.20
± 0.20
± 0.70
± 0.20
± 0.15
± 0.30
± 0.15
± 0.15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com