Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC660EYB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # SC660EYB
Description  SMBus System Clock Buffer for Mobile Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SC660EYB Datasheet(HTML) 1 Page - Cypress Semiconductor

  SC660EYB Datasheet HTML 1Page - Cypress Semiconductor SC660EYB Datasheet HTML 2Page - Cypress Semiconductor SC660EYB Datasheet HTML 3Page - Cypress Semiconductor SC660EYB Datasheet HTML 4Page - Cypress Semiconductor SC660EYB Datasheet HTML 5Page - Cypress Semiconductor SC660EYB Datasheet HTML 6Page - Cypress Semiconductor SC660EYB Datasheet HTML 7Page - Cypress Semiconductor SC660EYB Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SC660E
SMBus System Clock Buffer for Mobile Applications
Cypress Semiconductor Corporation
3901 North First Street
Document#: 38-07025 Rev. *A
12/17/2002
San Jose, CA 95134. Tel: 408-043-2600
Page 1 of 8
http://www.cypress.com
Product Features
§
10 output buffers for high clock fanout applications
§
Each output can be internally disabled for EMI and
power consumption reduction.
§
Separate power supply for each group of 2 clock
outputs for mixed voltage application.
§
< 250ps skew between output clocks.
§
28-pin SSOP package for minimum board space
§
Single output Tristate pin for testability
Block Diagram
VDDB
OE
SDATA
SDRAM(2:3)
SCLOCK
VDD
FIN
I2C
SDRAM(0:1)
SDRAM4
SDRAM5
SDRAM(8:9)
SDRAM(6:7)
Product Description
The device is a high fanout system clock distributor. Its
primary application is to create the large quantity of
clocks needed to support a wide range of clock loads
that are referenced to a single existing clock. Loads of
up to 30 pF are supported. Primary application of this
component is where long traces are used to transport
clocks from their generating devices to their loads. The
creation of EMI and the degradation of waveform rise
and fall times is greatly reduced by running a single
reference clock trace to this device and then using it to
regenerate the clock that drives shorter traces by using
the SC660 to generate the clocks at the target devices
EMI is therefore minimized and board real estate is
saved.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VDDB
SDRAM9
SDRAM8
VSS
VDDB
SDRAM7
SDRAM6
VSS
OE
VDDB
SDRAM5
VSS
VSS
SCLOCK
VDDB
SDRAM0
SDRAM1
VSS
VDDB
SDRAM2
SDRAM3
VSS
FIN
VDDB
SDRAM4
VSS
VDD
SDATA


Similar Part No. - SC660EYB

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SC660EYB SPECTRALINEAR-SC660EYB Datasheet
70Kb / 5P
SMBus System Clock Buffer for Mobile Applications
More results

Similar Description - SC660EYB

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
logo
SpectraLinear Inc
SC660E SPECTRALINEAR-SC660E Datasheet
70Kb / 5P
SMBus System Clock Buffer for Mobile Applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com