Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16AC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CS16AC
Description  Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS16AC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CS16AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Flexible Configuration
Ships fully assembled
q
Supports mounting to wall, desk, table, counter or floor
q
Converts to mobile cart with optional CSHANDLEKIT accessory
q
Door opens 180 degrees and side panels are removable for clear access
q
Removable dividers accommodate thicker devices like battery chargers
q
OVERVIEW
UPC Code
037332185235
Product Type
Multi-Device Charger
Charging Form Factor
Stationary Cabinet
Functions
Charge; Secure
Device Compatibility
Tablet; Phone
Device Slots
16
INPUT
Nominal Input Voltage(s) Supported
120V AC
Input Frequency
50 / 60 Hz
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
CHARGING
Number of Charging Ports
16
Charging Method
AC
Charging Port Type
NEMA 5-15R
Charging Ports Details
Pass through
Charging Ports / Amps
(16) 12A
Overcharge Protection
No
Charging Amps per Port
12A
PHYSICAL
Color
Black
Antimicrobial Coating
No
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com