Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16AC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CS16AC
Description  Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS16AC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CS16AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Device Charging Station, 16 AC Outlets,
iPad and Android Tablets, Wall-Mount and Cart
Options, Black
MODEL NUMBER: CS16AC
Locking steel cabinet provides AC charging, secure storage and cord management for up to 16 iPad,
Android, Kindle and Surface tablets. For education, office, commercial, retail, industrial and healthcare
environments.
Features
Convenient Charging
16 AC outlets charge up to 16 iPad, Android, Kindle or Surface tablets
q
Compatible with all devices that charge via user-supplied USB power adapters, including iPad, Android,
Kindle, Kindle Fire and Surface tablets and iPhone, Android and Windows smartphones
q
10-ft. (3.05 m) AC input cord reaches distant outlets
q
Comprehensive Protection
Sturdy steel construction and powder-coated finish provide long-term durability
q
Door locks with included keys to prevent device theft, damage or tampering
q
Flow-through ventilation prevents devices from overheating
q
Coated shelf shields devices from scratches and scuffs
q
Built-in circuit breaker protects against overloads
q
Clutter-Free Organization
AC outlets, device AC adapters and cords store out of sight
q
Shelf includes charging cord access ports for each device
q
Toolless trim panels permit quick access to AC adapters and cords
q
Outlets spaced to fit bulky power adapters without blocking adjacent outlets
q
Highlights
AC charging and storage for 16
iPad and Android tablets
q
Locking steel cabinet with flow-
through ventilation
q
Adjustable device dividers and
integrated cord management
q
Ships fully assembled and
mounts to wall, desk, table or
floor
q
10-ft. (3.05 m) power cord and
built-in AC outlets for each
device
q
Package Includes
CS16AC 16-Device AC
Charging Station Cabinet
q
(2) Keys for door lock
q
Owner’s manual
q
1 / 4


Similar Part No. - CS16AC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
logo
List of Unclassifed Man...
CS16-04GO2 ETC1-CS16-04GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-06GO2 ETC1-CS16-06GO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS16-08IO2 ETC1-CS16-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
M/A-COM Technology Solu...
CS16-1 MA-COM-CS16-1 Datasheet
699Kb / 6P
Low Power Limiter Diodes
More results

Similar Description - CS16AC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USB TRIPPLITE-CS16USB Datasheet
522Kb / 3P
16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC32ACW TRIPPLITE-CSC32ACW Datasheet
186Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com