Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16AC Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # CS16AC
Description  Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS16AC Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  CS16AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CS16AC Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Charging Station Form Factor
Stationary Cabinet
Material of Construction
Steel
Shipping Dimensions (hwd / cm)
61.60 x 67.01 x 61.29
Shipping Dimensions (hwd / in.)
24.25 x 26.38 x 24.13
Shipping Weight (kg)
44.00
Shipping Weight (lbs.)
97.00
Slot Dimensions (hwd / in.)
11.6 x 0.8 x 13.9
Slot Dimensions (hwd / mm)
295 x 20.1 x 353.8
Unit Dimensions (hwd / cm)
54.86 x 59.94 x 54.86
Unit Dimensions (hwd / in.)
21.6 x 23.6 x 21.6
Unit Weight (kg)
32.66
Unit Weight (lbs.)
72
Number of Shelves
1
SPECIAL FEATURES
Cord Management
Yes
EMI/RFI Line Noise Protection
No
Locking
Yes
Lock Type
Key
Built-In Circuit Breaker
Yes
Overcurrent Protection
Yes
Flow-Through Ventilation
Yes
UV Sterilization
No
STANDARDS & COMPLIANCE
Certifications
Tested to EIA-310-E, UL60950, FCC & IEC Class B
Approvals
RoHS
NOM (Mexico)
Tested to NOM (Mexico)
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
CATEGORY PAGE FILTERS (Y/N ONLY)
External Receptacle
No
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com