Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-SERIES Datasheet(PDF) 1 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 1 Page - IDEC Corporation

  RF-SERIES Datasheet HTML 1Page - IDEC Corporation RF-SERIES Datasheet HTML 2Page - IDEC Corporation RF-SERIES Datasheet HTML 3Page - IDEC Corporation RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For more information, visit http://asia.idec.com
E-185
Force guided contact mechanism
EN50205 Type A TÜV approved
Fast Response Time
Response time of 8 ms.
Ensures safety by turning the load off quickly.
High Shock Resistance
High shock resistant suitable for use in machine tools and in
environments subjected to vibration and shocks. (200 m/s2
minimum)
Clear Visiblilty
Available with a built-in LED.
Output expansion for safety relay modules and safety controllers
HR1S Safety Relay Module
Cost effective and easy method to expand mechanical contact outputs.
• Circuit Example
EDM input: External device monitor input
Safety Relay Module
Interlock Switch/
Emergency Stop Switch
Start
Switch
K2
K1
F1 F2
EDM Input
Safety Output Expansion
Force Guided Relays
Force Guided Relays
FS1A Safety Controller
Solid state safety outputs of safety controllers can be converted to
mechanical contact outputs.
• Circuit Example
24V
Interlock Switch/
Emergency Stop Switch
Start
Switch
Safety Controller
EDM Input
Safety Output Expansion
Force Guided Relays
Force Guided Relays
K1
K2
Force Guided Relays
RF
Series
Enables flexible construction of safety
circuits
Compact and EN compliant RF1V force guided relays.
• See website for details on approvals and standards.
(force guided relays)
(socket)
No. of Poles
Page
6-pole
E-186
4-pole
2-pole
E-186
E-192
For more information, visit http://eu.idec.com


Similar Part No. - RF-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF-SC22** ETC2-RF-SC22** Datasheet
232Kb / 8P
Crimping tools and machines
logo
JST Mfg. Co., Ltd.
RF-SC2210 JST-RF-SC2210 Datasheet
896Kb / 4P
RF CONNECTOR
RF-SC2290 JST-RF-SC2290 Datasheet
896Kb / 4P
RF CONNECTOR
More results

Similar Description - RF-SERIES

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
High Sensitivity Enables Detection of Stationary Human Presence
logo
Littelfuse
CG275LTE LITTELFUSE-CG275LTE Datasheet
780Kb / 6P
Rugged Ceramic-Metal construction Low Capacitance Instrumentation circuits
logo
Pulse A Technitrol Comp...
PE-63387 PULSE-PE-63387 Datasheet
58Kb / 1P
International safety construction, VDE approved
PE-63387NL PULSE-PE-63387NL Datasheet
58Kb / 1P
International safety construction, VDE approved
logo
List of Unclassifed Man...
2-9USTAND ETC2-2-9USTAND Datasheet
483Kb / 3P
Enables Tower Placement of Rackmount UPS Systems
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
logo
Aries Electronics, Inc.
171 ARIES-171 Datasheet
659Kb / 2P
Combination of Thin, Flexible
logo
Maxim Integrated Produc...
MAX14949 MAXIM-MAX14949 Datasheet
953Kb / 20P
High-Performance Transceiver Enables Flexible Designs
Rev 2; 10/17
MAX14943 MAXIM-MAX14943 Datasheet
739Kb / 21P
High-Performance Transceiver Enables Flexible Designs
Rev 2; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com