Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-SERIES Datasheet(PDF) 2 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 2 Page - IDEC Corporation

  RF-SERIES Datasheet HTML 1Page - IDEC Corporation RF-SERIES Datasheet HTML 2Page - IDEC Corporation RF-SERIES Datasheet HTML 3Page - IDEC Corporation RF-SERIES Datasheet HTML 4Page - IDEC Corporation RF-SERIES Datasheet HTML 5Page - IDEC Corporation RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Download catalogs and CAD from http://asia.idec.com/downloads
E-186
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF1V Force-guided Relays / SF1V Relay Sockets
Coil Ratings
Contact
Rated Coil
Voltage (V)
Rated Current (mA)
±10%
(at 20°C) (Note 1)
Coil
Resistance (Ω)
±10% (at 20°C)
Operating Characteristics (at 20°C)
Power
Consumption
Pickup Voltage
(initial value)
Dropout Voltage
(initial value)
Maximum allowable
Voltage (Note 2)
4-pole
2NO-2NC
12V DC
30.0
400
75% maximum
10% minimum
110%
Approx. 0.36W
24V DC
15.0
1,600
48V DC
7.5
6,400
3NO-1NC
12V DC
30.0
400
24V DC
15.0
1,600
48V DC
7.5
6,400
6-pole
4NO-2NC
12V DC
41.7
288
Approx. 0.50W
24V DC
20.8
1,152
48V DC
10.4
4,608
5NO-1NC
12V DC
41.7
288
24V DC
20.8
1,152
48V DC
10.4
4,608
3NO-3NC
12V DC
41.7
288
24V DC
20.8
1,152
48V DC
10.4
4,608
Note 1: For relays with LED indicator, the rated current increases by approx. 2 mA.
Note 2: Maximum allowable voltage is the maximum voltage that can be applied to relay coils.
Package quantity: 10
Contact
Rated Coil Voltage
Without LED Indicator
With LED Indicator
With Counter-electromotive Force Diode
With LED Indicator
Part No.
Part No.
Part No.
4-pole
2NO-2NC
12V DC
RF1V-2A2B-D12
RF1V-2A2BL-D12
RF1V-2A2BLD1-D12
24V DC
RF1V-2A2B-D24
RF1V-2A2BL-D24
RF1V-2A2BLD1-D24
48V DC
RF1V-2A2B-D48
RF1V-2A2BL-D48
RF1V-2A2BLD1-D48
3NO-1NC
12V DC
RF1V-3A1B-D12
RF1V-3A1BL-D12
RF1V-3A1BLD1-D12
24V DC
RF1V-3A1B-D24
RF1V-3A1BL-D24
RF1V-3A1BLD1-D24
48V DC
RF1V-3A1B-D48
RF1V-3A1BL-D48
RF1V-3A1BLD1-D48
6-pole
4NO-2NC
12V DC
RF1V-4A2B-D12
RF1V-4A2BL-D12
RF1V-4A2BLD1-D12
24V DC
RF1V-4A2B-D24
RF1V-4A2BL-D24
RF1V-4A2BLD1-D24
48V DC
RF1V-4A2B-D48
RF1V-4A2BL-D48
RF1V-4A2BLD1-D48
5NO-1NC
12V DC
RF1V-5A1B-D12
RF1V-5A1BL-D12
RF1V-5A1BLD1-D12
24V DC
RF1V-5A1B-D24
RF1V-5A1BL-D24
RF1V-5A1BLD1-D24
48V DC
RF1V-5A1B-D48
RF1V-5A1BL-D48
RF1V-5A1BLD1-D48
3NO-3NC
12V DC
RF1V-3A3B-D12
RF1V-3A3BL-D12
RF1V-3A3BLD1-D12
24V DC
RF1V-3A3B-D24
RF1V-3A3BL-D24
RF1V-3A3BLD1-D24
48V DC
RF1V-3A3B-D48
RF1V-3A3BL-D48
RF1V-3A3BLD1-D48
Sockets
Package quantity: 10
Types
No. of Poles
Part No.
DIN Rail Mount Sockets
4
SF1V-4-07L
6
SF1V-6-07L
PC Board Mount Sockets
4
SF1V-4-61
6
SF1V-6-61
6-pole
4-pole
With SF1V
PC board mount socket
With SF1V
DIN rail mount socket
Compact and EN compliant RF1V force guided relays.
Download catalogs and CAD from http://eu.idec.com/downloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com