Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-SERIES Datasheet(PDF) 13 Page - IDEC Corporation

Part # RF-SERIES
Description  Enables flexible construction of safety circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF-SERIES Datasheet(HTML) 13 Page - IDEC Corporation

Back Button RF-SERIES Datasheet HTML 6Page - IDEC Corporation RF-SERIES Datasheet HTML 7Page - IDEC Corporation RF-SERIES Datasheet HTML 8Page - IDEC Corporation RF-SERIES Datasheet HTML 9Page - IDEC Corporation RF-SERIES Datasheet HTML 10Page - IDEC Corporation RF-SERIES Datasheet HTML 11Page - IDEC Corporation RF-SERIES Datasheet HTML 12Page - IDEC Corporation RF-SERIES Datasheet HTML 13Page - IDEC Corporation RF-SERIES Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For more information, visit http://asia.idec.com
E-197
APEM
Switches &
Pilot Lights
Control Boxes
Emergency
Stop Switches
Enabling
Switches
Safety Products
Explosion Proof
Terminal Blocks
Relays & Sockets
Circuit
Protectors
Power Supplies
LED Illumination
Controllers
Operator
Interfaces
Sensors
AUTO-ID
Interlock
Switches
Non-contact
Interlock Switches
Safety Laser
Scanners
Safety Light
Curtains
Safety Modules
FS1A
RF1V
RF2
HR2S
HR1S
RF2 2-pole Force Guided Relay / SJ Series Socket
Operating Instructions
1. When using DPDT model as a force guided relay
Use in SPST-NO + SPST-NC wiring according to EN50205 (2002)
RF2*-2C-
Standard
5
6
7
4
3
2
1
8
Example:
Use terminal 3-4 as NO contact and 6-7 as NC contact. Or terminal 2-3
as NC contact and terminal 5-6 as NO contact.
2. Driving Circuit for Relays
2-1. To make sure of correct relay operation, apply rated voltage to
the relay coil. Pickup and dropout voltages may differ according to
operating temperature and conditions.
2-2. Input voltage for DC coil:
A complete DC voltage is best for the coil power to make sure of
stable operation. When using a power supply containing a ripple
voltage, suppress the ripple factor within 5%. When power is supplied
through a rectification circuit, the relay operating characteristics, such
as pickup voltage and dropout voltage, depend on the ripple factor.
Connect a smoothing capacitor for better operating characteristics as
shown below.
+
–V R Relay
Smoothing
Capacitor
Pulsation
Emin Emax Emean
DC
Ripple Fctor (%)×100%
Emax−Emin
Emax
= Maximum pulsating current
Emin
= Minimum of pulsating current
Emean = DC mean value
Emean
2-3. Operating the relay in sync with an AC load:
R
Vin
EAC
TE
Load
Vin
EAC
If the relay operates in sync with AC power voltage of the load,
the relay life may be reduced. If this is the case, select a relay in
consideration of the required reliability for the load. Or, make the relay
turn on and off irrespective of the AC power phase or near the point
where the AC phase crosses zero voltage.
2-4. Leakage current while relay is OFF
When driving an element at the same time as the relay operation,
special consideration is needed for the circuit design. As shown in the
incorrect circuit at right, leakage current (Io) flows through the relay
coil while the relay is off.
Leakage current causes coil release failure or adversely affects the
vibration resistance and shock resistance. Design a circuit as shown in
the correct example.
Correct
R
lo
TE
Incorrect
R
2-5. Surge suppression for transistor driving circuits:
When the relay coil is turned off, a high-voltage pulse is generated. Be
sure to connect a diode to suppress the counter electromotive force.
Then, the coil release time becomes slightly longer. To shorten the coil
release time, connect a Zener diode between the collector and emitter
of the controlling transistor. Select a Zener diode with a Zener voltage
slightly higher than the power voltage.
R
Counter emf
suppressing
diode
Relay
+
−
2-6. The coil terminal of the relay has polarity.
Connect terminals according to the internal connection diagram.
Incorrect wiring may cause malfunction.
For more information, visit http://eu.idec.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com