Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM1010-U7-R13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VM1010-U7-R13
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM1010-U7-R13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VM1010-U7-R13 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 2Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
The VM1010’s Wake on Sound mode brings voice activation to battery-powered
consumer devices — while drawing nearly zero power, making it ideal for voice-
interface devices such as smart speakers, TV remotes, smart earbuds, and smart
home products.
The VM1010 has a small 3.76 mm X 2.95 mm X 1.3 mm package and is reflow
solder-compatible with no sensitivity degradation. It operates in environmentally
harsh surroundings because it is dust- and moisture-resistant.
Specifications
All specifications are at 25°C, VDD = 1.8 V unless otherwise noted. Valid for Date
Code 1811 and higher.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Normal Mode Acoustic Specifications
Sensitivity
1 kHz, 94 dB
SPL
-41
-38
-35
dBV
Signal-to-Noise
Ratio
SNR
94 dB SPL at 1
kHz signal
60
dB(A)
20 Hz – 20
kHz, A-
weighted
Noise
Signal-to Noise
Ratio Voice
Band
SNR
94 dB SPL at 1
kHz signal
62
dB(A)
20 Hz – 8 kHz,
A-weighted
Total Harmonic
Distortion
THD
94 dB SPL
0.1
%
Acoustic
Overload Point
AOP
10.0% THD
125
dB SPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com