Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM1010-U7-R13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VM1010-U7-R13
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM1010-U7-R13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VM1010-U7-R13 Datasheet HTML 1Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 2Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
Low-Noise Bottom Port Piezoelectric
MEMS Microphone
With Wake on Sound Feature
Data Sheet
VM1010
The VM1010 is the world’s first ZeroPower ListeningTM piezoelectric MEMS
microphone. It provides an ultra-low power always listening solution, bringing voice
activation to battery powered consumer devices.
Features:
•
ZeroPower Listening Technology
•
Full audio output upon waking
•
Capable of voice detection with just 18
μW operation
•
Extends battery life up to 10x
•
Dust resistant to IP5x
The VM1010 is a low-noise single-ended analog
MEMS microphone with a Wake on Sound mode
that allows detection of voice activity while
consuming only 10 μA of supply current (or 18
μW of power). In this Wake on Sound mode, the
microphone detects sounds in the voice band
above a configurable acoustic threshold level.
When the microphone detects a sound above
the threshold, it instantly alerts the system of
the acoustic event. The system can then switch
the VM1010 to Normal mode with full audio
output within 200 μSec. This is fast enough for
the VM1010 to capture the sound that exceeds
the threshold and send it to the system for
processing. This creates the system architecture
for ZeroPower Listening.


Similar Part No. - VM1010-U7-R13

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
VM10 SEI-VM10 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
CBC Group. CBC AMERICA ...
VM100 COMPUTAR-VM100 Datasheet
408Kb / 1P
Extention Tube Kit
2004.5
logo
Kemet Corporation
VM105MK122R030P050 KEMET-VM105MK122R030P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 38 V, 30 VAC, 47 V, 50 V, 77 V, 10 A, 1.2 kA, 10 J, 12 J, 30 mW
VM105MK801R020P050 KEMET-VM105MK801R020P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 26 V, 20 VAC, 33 V, 36 V, 54 V, 5 A, 800 A, 3.2 J, 6 J, 15 mW
logo
Stackpole Electronics, ...
VM10JB51K0 SEI-VM10JB51K0 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
More results

Similar Description - VM1010-U7-R13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
Bottom Port Digital MEMS Microphone Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
PMM-3738-VM1010-R PUIAUDIO-PMM-3738-VM1010-R Datasheet
1Mb / 9P
Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com