Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM1010-U7-R13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VM1010-U7-R13
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VM1010-U7-R13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VM1010-U7-R13 Datasheet HTML 2Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 3Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 4Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 5Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 6Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 7Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 8Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 9Page - List of Unclassifed Manufacturers VM1010-U7-R13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Vesper Technologies Inc - Preliminary Version
Environmental Robustness
IP adherence is evaluated by 1kHz Sensitivity spec post stress
Ingress Protection Type
Description
Dust Resistance
IP5X
Water Immersion
IPX7; 2hrs drying time, dry environment
Microphone Modes
mode pin
Mic mode
Idd, typ. (µA)
Vout pin
dout pin
high
Wake on Sound
10
GND
low, then latches high
after first wake-up event
low or
floating
Normal
83
audio
output
Tied to GND through low
impedance
Table 2: Effect of mode pin on microphone mode, supply current & output pins
Microphone Operation
The VM1010 is a user-controlled multi-mode microphone. Through the single-bit
digital input pin mode, the user provides a signal that will put the microphone in the
Wake on Sound or Normal mode of operation. When in the Wake on Sound mode,
should a sound be detected, the microphone will output a digital high through the
dout pin. The user can then switch the microphone to Normal mode by providing a
digital low to the mode pin. The user can at some later point provide a digital high
to the mode pin to return the microphone to Wake on Sound mode. Figure 5 shows
the states of various pins that are either user-provided (mode, Vdd) or VM1010-
provided (dout, Vout) at three points of operation.
Figure 5: Timing diagrams showing turn-on time (left), transition time into
Wake on Sound mode (center) & Normal mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com