Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOGW311-R Datasheet(PDF) 2 Page - IDEC Corporation

Part # AOGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOGW311-R Datasheet(HTML) 2 Page - IDEC Corporation

  AOGW311-R Datasheet HTML 1Page - IDEC Corporation AOGW311-R Datasheet HTML 2Page - IDEC Corporation AOGW311-R Datasheet HTML 3Page - IDEC Corporation AOGW311-R Datasheet HTML 4Page - IDEC Corporation AOGW311-R Datasheet HTML 5Page - IDEC Corporation AOGW311-R Datasheet HTML 6Page - IDEC Corporation AOGW311-R Datasheet HTML 7Page - IDEC Corporation AOGW311-R Datasheet HTML 8Page - IDEC Corporation AOGW311-R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
697
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Conforming to Standards
EN60947-1, EN60947-5-1, VDE0660-200, UL508, CSA C22-2 No.14
Approvals
File No. E68961
File No. LR21451
Certificate No.
2030010305027380
Registration No: J9551802 (E-Stops)
Registration No: J9551803 (All other switches)
Registration No: J9551804 (Pilot Lights)
CSA: pushbuttons and selector switches: A600 pilot lights and illuminated pushbuttons, direct supply pilot lights and illuminated pushbuttons with
integral transformer (100/110, 115, 120, 200/220, 230, 240, 380, 400/440, 480V)
UL: pushbuttons and selector switches: A600 pilot lights and illuminated pushbuttons, direct supply pilot lights and illuminated pushbuttons with
integral transformer (100/110, 115, 120, 200/220, 230, 240, 380, 400/440, 480V)
TÜV: pushbuttons and selector switches: A600=P600 (NO, NC)/Q600 (NO-EM, NC-LB) pilot lights and illuminated pushbuttons, direct supply pilot
lights and illuminated pushbuttons with integral transformer (100/110, 115, 120, 200/220, 230, 240, 380, 400/440, 480V)
Operating Temperature
Operation: –25 to +50°C (without freezing), Storage: –40 to +80°C (without freezing)
Vibration Resistance
5 to 55Hz, 100m/sec2 (10g) conforming to IEC6068-2-6
Shock Resistance
1000m/sec2 (100g) conforming to IEC6068-2-7
Electric Shock Protection
Class 2 conforming to IEC60664-7
Degree of Protection
(conforming to IEC60529)
(conforming to NEMA ICS6-110)
IP65 from front of the panel; (IP54 for key switches)
IP20 (Type HW-U contact block)
Type 1, 2, 3, 3R, 3S, 4, 4X, 5, 12, 13 (Type 1, 2, 3R, 5, 12, 13 for key switches)
Mechanical Life
Momentary pushbuttons: 5,000,000 (1800 operations per hour)
All other switches: 500,000
Pollution Degree (conforming to IEC60947-1)
3
Rated Operational Characteristics
AC-15: A600 or Ue = 250V, le = 3A (NO, NC, NO-EM, NC-LB)
DC-13: P600 or Ue = 125V, le = 1.1A (NO, NC)
DC-13: Q600 or Ue = 125V, le = 0.9A (NO-EM, NC-LB)
Rated Insulation Voltage
600V
Rated Switching Over-Voltage
Less than 4kV, conforming to IEC60947-1
Rated Impulse Withstanding Voltage
4kV for contact circuit, 2.5kV for lamp circuit
Rated Thermal Current
10 Amp
Minimum Switching Capacity
5 mA at 3V AC/DC
Contact Operation
Slow break NC or slow make NO, self-cleaning
Recommended Terminal Torque
Unit
Wire
Number of Wires
Recommended Tightening
Torque (Nm)
Terminal Screw
HW-U Contact Block
Crimping Terminal
2
1.0 to 1.3
M3.5
Solid Wire
ø0.5 to 1.6 mm (AWG14 to 22)
2
1.0 to 1.3
ø1.7 to 2.0 mm (AWG12)
1
1.2 to 1.3
Stranded Wire
0.3 to 2.0 mm2 (AWG14 to 22)
2
1.0 to 1.3
2.1 to 3.5 mm2 (AWG12)
1
1.2 to 1.3
Illuminated Unit (*1)
Crimping Terminal
2
1.0 to 1.3
M3.5
Solid Wire
ø0.5 to 1.6 mm (AWG14 to 22)
Stranded Wire
0.3 to 2.0 mm (AWG14 to 22)
Applicable Wire Size
Pilot Light
Crimping Terminal
2
0.6 to 1.0 (M3.0)
1.0 to 1.3 (M3.5)
Solid Wire
ø0.5 to 1.6 mm (AWG14 to 22)
Stranded Wire
ø0.3 to 2.0 mm (AWG14 to 22)
1. * refers to the lamp terminals of the illuminated push buttons and selector switches.
External Short-Circuit Protection
10A 250V fuse conforming to IEC60269-1
Applicable Wire Size
Minimum 1 x 22 AWG, max. 2 x 14 AWG or 1 x 12 AWG
Contact Resistance
Initial contact resistance of 50mΩ or less
Contact Gap
4mm (NO and NC), 2mm (NO-EM and NC-LB)
Electrical Reliability
MTBF < 1 fault for 10 million operation cycles (3V DC, 5mA)
Lamp Ratings
LEDs: 6V: 17mA max, 12/24V: 11mA max, 120/240V: 10mA max
Horsepower Rating
1/4 HP @ 120V (single-phase, non-reversing motor); 1 HP @ 240V (3 phase, non-reversing motor)
Contact Material
Silver
Pushbuttons
Illuminated Pushbuttons
Selector Switches
Illuminated Selector Switches
Pushbutton Selectors
Contact Block
Type HW-U
Rated Insulation Voltage
600V
Rated Continuous Current
10A
Contact Ratings by Utilization Category
IEC 60947-5-1
AC-15 (A600)
DC-13 (P600)
Contact Ratings by Utilization Category
Operational Voltage
24V
48V
50V
110V
220V
440V
Operational Current
AC50/60Hz
AC-12 Control of resistive loads and solid state loads
10A
—
10A
10A
6A
2A
AC-15 Control of electromagnetic loads (> 72VA)
10A
—
7A
5A
3A
1A
DC
DC-12 Control of resistive loads and solid state loads
10A
5A
—
2.2A
1.1A
—
DC-13 Control of electromagnets
5A
2A
—
1.1A
0.6A
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com