Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOGW311-R Datasheet(PDF) 35 Page - IDEC Corporation

Part # AOGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOGW311-R Datasheet(HTML) 35 Page - IDEC Corporation

Back Button AOGW311-R Datasheet HTML 31Page - IDEC Corporation AOGW311-R Datasheet HTML 32Page - IDEC Corporation AOGW311-R Datasheet HTML 33Page - IDEC Corporation AOGW311-R Datasheet HTML 34Page - IDEC Corporation AOGW311-R Datasheet HTML 35Page - IDEC Corporation AOGW311-R Datasheet HTML 36Page - IDEC Corporation AOGW311-R Datasheet HTML 37Page - IDEC Corporation AOGW311-R Datasheet HTML 38Page - IDEC Corporation AOGW311-R Datasheet HTML 39Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
730
www.IDEC.com
1904032203
Dimensions
Pushbuttons
Flush
Extended
Extended with Full Shroud
69.4 (3 or 4 blocks)
49.4 (1 or 2 blocks)
13
Safety Lever Lock
Locking Ring
Panel Thickness 0.8 to 6
29.4
ø23.6
LOCK
13
19
Panel Thickness 0.8 to 6
Locking Ring
Safety Lever Lock
49.4 (1 or 2 blocks)
69.4 (3 or 4 blocks)
29.4
ø23.6
LOC
K
LOC
K
29.4
ø23.5
18.5
49.4 (1 block)
69.4 (2 or 3 blocks)
89.4 (4 blocks)
Safety Lever Lock
Locking Ring
Panel Thickness
0.8 to 6
29mm Mushroom
40mm Mushroom
Mushroom with Full Shroud
29.4
LOCK
13
23.2
69.4 (2 or 3 blocks)
49.4 (1 block)
Safety Lever Lock
Locking Ring
Panel Thickness
0.8 to 6
89.4 (4 blocks)
29.4
LOC
K
13
23.2
69.4 (2 or 3 blocks)
49.4 (1 block)
Safety Lever Lock
Locking Ring
Panel Thickness
0.8 to 6
89.4 (4 blocks)
29.6
23
49.4 (1-2 blocks)
69.4 (3-4 blocks)
Panel thickness 1 to 6
Adust ring
29mm Push-Lock-Turn-Reset
40mm Push-Lock-Turn-Reset
Keylock Push On/Off
Reset angle 75°
13
29.6
22.5
49.4 (1-2 blocks)
69.4 (3-4 blocks)
Panel thickness 1 to 6
Adust ring
13
29.6
22.5
Panel thickness 1 to 6 Reset angle 75°
Adjust ring
49.4 (1-2 blocks)
69.4 (3-4 blocks)
13
29.6
24.5
45°
47
Panel thickness 1 to 6
Adjust ring
Reset (unlock)
49.4 (1-2 blocks)
69.4 (3-4 blocks)
40mm Pushlock Key reset
40mm Push-Pull
Square Flush
13
29.6
47
24.5
45°
Panel thickness 1 to 6
Adjust ring
Reset (unlock)
49.4 (1-2 blocks)
69.4 (3-4 blocks)
13
29.6
30.5
25
Panel thickness 1 to 6
Adjust ring
49.4 (1-2 blocks)
29.4
24.6
LOCK
13
49.4 (1 block)
69.4 (2, 3 blocks)
89.4 (4 blocks)
Safety Lever Lock
Locking Ring
Panel Thickness
0.8 to 6
Square Extended
29.4
13
24.8
19
LOC
K
Panel Thickness 0.8 to 6
Locking Ring
Safety Lever Lock
49.4 (1 or 2 blocks)
69.4 (3 or 4 blocks)
Selector Switches
13
49.4 (1-2 blocks)
69.4 (3-4 blocks)
29.6
25
ø23.4
Panel thickness 1 to 6
Adust ring
13
29.6
25
49.4 (1-2 blocks)
69.4 (3-4 blocks)
Panel thickness 1 to 6
Adust ring
13
29.6
19
41
ø23.6
49.4 (1-2 blocks)
69.4 (3-4 blocks)
Panel thickness 1 to 6
Adust ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com