Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOGW311-R Datasheet(PDF) 6 Page - IDEC Corporation

Part # AOGW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOGW311-R Datasheet(HTML) 6 Page - IDEC Corporation

Back Button AOGW311-R Datasheet HTML 2Page - IDEC Corporation AOGW311-R Datasheet HTML 3Page - IDEC Corporation AOGW311-R Datasheet HTML 4Page - IDEC Corporation AOGW311-R Datasheet HTML 5Page - IDEC Corporation AOGW311-R Datasheet HTML 6Page - IDEC Corporation AOGW311-R Datasheet HTML 7Page - IDEC Corporation AOGW311-R Datasheet HTML 8Page - IDEC Corporation AOGW311-R Datasheet HTML 9Page - IDEC Corporation AOGW311-R Datasheet HTML 10Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
701
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Stop Switches (Assembled)
To be used for interpreting part numbers only, not for part number development.
Assembled Stop Switches
A
V
(L)
W
4
(B)
(99)
11
(D) – R – (24V)
Function
V: Pushlock Turn Reset
Y: Push-Pull
X: Pushlock Key Reset
Illumination
Blank: None
L: Illuminated
Series Designation
W: TW Series
Button/Lens Size
3: 29mm Mushroom
4: 40mm Mushroom
Lens Type
(illuminated units only)
Blank: Standard (ribbed)
B: Engravable (smooth with insert)
Illuminated Circuit
(illuminated unit only)
99: Full Voltage (LED determines voltage)
126: 120V AC Step Down Transformer
246: 240V AC Step Down Transformer
486: 480V AC Step Down Transformer
Lamp Voltage
(full voltage illuminated units only)
6V: 6V AC/DC
12V: 12V AC/DC
24V: 24V AC/DC
120V: 120V AC
240V: 240V AC
Button/Lens Color
A: Amber R: Red
W: White
G: Green S: Blue Y: Yellow
B: Black
Lamp Type
(illuminated units only)
D: LED
Contact Arrangement
10:1NO
01:1NC
20:2NO
02:2NC
11:1NO/1NC 22:2NO/2NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com