Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22950 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22950 Datasheet HTML 9Page - Texas Instruments TPS22950 Datasheet HTML 10Page - Texas Instruments TPS22950 Datasheet HTML 11Page - Texas Instruments TPS22950 Datasheet HTML 12Page - Texas Instruments TPS22950 Datasheet HTML 13Page - Texas Instruments TPS22950 Datasheet HTML 14Page - Texas Instruments TPS22950 Datasheet HTML 15Page - Texas Instruments TPS22950 Datasheet HTML 16Page - Texas Instruments TPS22950 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
This section highlights some of the design considerations when implementing this device in various applications.
9.2 Typical Application
This typical application demonstrates how the TPS22950 device can be used to set an adjustable current limit.
+
-
L
H
VIN
Fault
R
L
ON
C
IN
V
IN
R
FLT
C
L
VOUT
GND
FLT
ILIM
R
ILIM
Figure 9-1. Typical Application
9.2.1 Design Requirements
For this example, the values below are used as the design parameters.
Table 9-1. Design Parameters
PARAMETER
VALUE
Input Voltage (VIN)
5 V
Load Current (mA)
100 mA
Typical Current Limit (mA)
500 mA
9.2.2 Detailed Design Procedure
In this example the nominal load current is 100 mA, so the current limit can be set to 500 mA without disrupting
normal operation. Use Equation 2 to calculate the resistor needed on the ILIM pin.
ILIM = 1.18 × (RILIM)-1.072
(2)
where
• ILIM = Typical current limit setting
• RILIM = Resistor on the ILIM pin
Based on Equation 2, a 2.21-kΩ resistor should be used on the ILIM pin to set a typical current limit of 500 mA.
9.2.3 Application Curves
The below scope shot shows the device turning on into a fault condition and limiting the current to the specified
amount of 500 mA.
www.ti.com
TPS22950
SLVSFJ2 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com