Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22950 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22950 Datasheet HTML 1Page - Texas Instruments TPS22950 Datasheet HTML 2Page - Texas Instruments TPS22950 Datasheet HTML 3Page - Texas Instruments TPS22950 Datasheet HTML 4Page - Texas Instruments TPS22950 Datasheet HTML 5Page - Texas Instruments TPS22950 Datasheet HTML 6Page - Texas Instruments TPS22950 Datasheet HTML 7Page - Texas Instruments TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Pin Configuration and Functions
ON
VIN
FLT
VOUT
GND
ILIM
A
B
C
1
2
Figure 5-1. TPS22950 WCSP - 6 Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ON
A1
I
Active high switch control input. Do not leave floating.
FLT
A2
O
Open-drain output, pulled low during thermal shutdown or reverse current-conditions.
VIN
B1
I
Switch Input.
VOUT
B2
O
Switch Output.
GND
C1
-
Device ground.
ILIM
C2
O
Adjusts device current limit through a resistor to ground.
www.ti.com
TPS22950
SLVSFJ2 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com