Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22950 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22950
Description  TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22950 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22950 Datasheet HTML 1Page - Texas Instruments TPS22950 Datasheet HTML 2Page - Texas Instruments TPS22950 Datasheet HTML 3Page - Texas Instruments TPS22950 Datasheet HTML 4Page - Texas Instruments TPS22950 Datasheet HTML 5Page - Texas Instruments TPS22950 Datasheet HTML 6Page - Texas Instruments TPS22950 Datasheet HTML 7Page - Texas Instruments TPS22950 Datasheet HTML 8Page - Texas Instruments TPS22950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Application....................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics ............................................5
6.6 Switching Characteristics ...........................................6
6.7 Typical Characteristics................................................ 7
7 Parameter Measurement Information............................ 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................12
9 Application and Implementation.................................. 13
9.1 Application Information............................................. 13
9.2 Typical Application.................................................... 13
10 Power Supply Recommendations..............................15
11 Layout........................................................................... 16
11.1 Layout Guidelines................................................... 16
11.2 Layout Example...................................................... 16
12 Device and Documentation Support..........................17
12.1 Receiving Notification of Documentation Updates..17
12.2 Support Resources................................................. 17
12.4 Electrostatic Discharge Caution..............................17
12.5 Glossary..................................................................17
13 Mechanical, Packaging, and Orderable
Information.................................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2020
*
Initial release.
TPS22950
SLVSFJ2 – DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com