Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX013 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONMCX013
Description  MCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMCX013 Datasheet(HTML) 1 Page - Linx Technologies

  CONMCX013 Datasheet HTML 1Page - Linx Technologies CONMCX013 Datasheet HTML 2Page - Linx Technologies CONMCX013 Datasheet HTML 3Page - Linx Technologies CONMCX013 Datasheet HTML 4Page - Linx Technologies CONMCX013 Datasheet HTML 5Page - Linx Technologies CONMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONMCX013
MCX Jack PCB Cutout Edge Mount Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 8.5 GHz
Insulation Resistance
1000 M
Ω Min.
Voltage Rating
750 V RMS
Contact Resistance
Center:
≤ 5.0 mΩ Outer: ≤ 1.0 mΩ
Selected Frequencies
6 GHz
8.5 GHz
Insertion Loss (dB max)
-0.51
-0.77
VSWR (max)
1.2
1.4
Ordering Information
Part Number
Description
CONMCX013
MCX jack (female socket), PCB cutout edge mount connector
in trays (100 per tray)
CONMCX013-T
MCX jack (female socket), PCB cutout edge mount connector
in tape and reel (1000 per reel)
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 8.5 GHz operation
• MCX (female socket) connection
― Gold plated brass connector body
― Gold plated beryllium copper center contact
• Direct surface-mount PCB attachment
• Reflow- or hand-solder assembly
Operating from 0 GHz to 8.5 GHz, the CONMCX013
provides high performance and reliability in a small
package. Mounting in a cutout/notch in a printed
circuit board (PCB) and available in tape and reel
packaging, the CONMCX013 is more compact
than standard board edge mount connectors and
is compatible with pick and place machines for
high volume manufacturing. Additionally, all Linx
connectors meet RoHS lead free standards and are
tested to meet requirements for corrosion resistance,
vibration, mechanical and thermal shock.


Similar Part No. - CONMCX013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONMCX011-R178 ETC2-CONMCX011-R178 Datasheet
155Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG178/U and RG196/U CABLE
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONMCX013

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD450-060-0046J WINCHESTER-SD450-060-0046J Datasheet
100Kb / 1P
MCX STRAIGHT PCB MOUNT JACK
logo
Molex Electronics Ltd.
73415-5951 MOLEX11-73415-5951 Datasheet
42Kb / 1P
75 Ohms, MCX Jack, PCB Edge Mount
logo
Adam Technologies, Inc.
RF11-15-T-00-50-G ADAM-TECH-RF11-15-T-00-50-G Datasheet
67Kb / 1P
MCX JACK VERTICAL PCB MOUNT
logo
Molex Electronics Ltd.
0734151060 MOLEX11-0734151060 Datasheet
48Kb / 1P
50 Ohms, MCX Jack, Edge Mount PCB Receptacle
0734151061 MOLEX11-0734151061 Datasheet
48Kb / 1P
50 Ohms, MCX Jack, Edge Mount PCB Receptacle,
0734155951 MOLEX11-0734155951 Datasheet
38Kb / 1P
75 Ohms, MCX Jack, PCB Edge Mount
0734152740 MOLEX-0734152740_V01 Datasheet
35Kb / 1P
75 Ohms, MCX Jack, Straight, PCB Edge Mount
logo
Linx Technologies
CONMMCX013 LINX-CONMMCX013 Datasheet
569Kb / 6P
MMCX Jack PCB Cutout Edge Mount Connector
2020
CONSMA024-G LINX-CONSMA024-G Datasheet
699Kb / 6P
SMA Jack PCB Cutout Edge Mount Connector
2020
CONREVSMA024-G LINX-CONREVSMA024-G Datasheet
506Kb / 4P
Reverse-Polarity SMA Jack PCB Cutout Edge Mount Connector
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com