Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX013 Datasheet(PDF) 5 Page - Linx Technologies

Part # CONMCX013
Description  MCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMCX013 Datasheet(HTML) 5 Page - Linx Technologies

  CONMCX013 Datasheet HTML 1Page - Linx Technologies CONMCX013 Datasheet HTML 2Page - Linx Technologies CONMCX013 Datasheet HTML 3Page - Linx Technologies CONMCX013 Datasheet HTML 4Page - Linx Technologies CONMCX013 Datasheet HTML 5Page - Linx Technologies CONMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Datasheet
CONMCX013
Packaging Information
Figure 6 shows the dimensions of the tape in which the CONMCX013-T connectors are packaged. Reel
dimensions are provided in Figure 7.
9.3 mm
(0.37 in)
6.3 mm
(0.25 in)
0.6 mm
(0.02 in)
0.5 mm
(0.02 in)
Ø4.6 mm
(0.18 in)
Ø1.0 mm
(0.04 in)
5.0 mm
(0.20 in)
2.0 mm
(0.08 in)
4.8 mm
(0.19 in)
Ø6.7 mm
(0.26 in)
9.6mm
0.38in
2.8mm
0.11in
3.7mm
0.15in
5.0mm
0.20in
3.8mm
0.15in
1.2mm
0.05in
0.8mm
0.03in
6.3mm
0.25in
9.4mm
0.37in
0.3mm
0.01in
1.2 mm
(0.05 in)
1.75 mm
(0.07 in)
4.0 mm
(0.16 in)
2.0 mm
(0.08 in)
12.0 mm
(0.47 in)
Ø1.55 mm
(0.06 in)
5.8 mm
(0.23 in)
11.5 mm
(0.45 in)
24.0 mm
(0.94 in)
9.4 mm MIN
0.8 mm
(0.03 in)
5.0 mm
(0.20 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
1.2 mm
(0.05 in)
9.4 mm MIN
5.0 mm
(0.20 in)
0.8 mm
(0.03 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
Figure 6. Tape Specifications for the CONMCX013-T Connector
E
C
W
W1
A
B
Reel Dimensions
Symbol
Qty
Unit
QTY per reel
1000
pcs
Tape width
24.00
mm
A
Ø 330 ±1
mm
B
Ø 100 ±0.5
mm
C
Ø 13.00 ±0.2
mm
E
2.2 ±0.5
mm
W
24 ±0.5
mm
W1
28.4 ±0.2
mm
Figure 7. Reel Specifications for the CONMCX013-T Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com