Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX013 Datasheet(PDF) 2 Page - Linx Technologies

Part # CONMCX013
Description  MCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMCX013 Datasheet(HTML) 2 Page - Linx Technologies

  CONMCX013 Datasheet HTML 1Page - Linx Technologies CONMCX013 Datasheet HTML 2Page - Linx Technologies CONMCX013 Datasheet HTML 3Page - Linx Technologies CONMCX013 Datasheet HTML 4Page - Linx Technologies CONMCX013 Datasheet HTML 5Page - Linx Technologies CONMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONMCX013
Product Dimensions
9.3 mm
(0.37 in)
6.3 mm
(0.25 in)
0.6 mm
(0.02 in)
0.5 mm
(0.02 in)
Ø4.6 mm
(0.18 in)
Ø1.0 mm
(0.04 in)
5.0 mm
(0.20 in)
2.0 mm
(0.08 in)
4.8 mm
(0.19 in)
Ø6.7 mm
(0.26 in)
9.6mm
0.38in
2.8mm
0.11in
3.7mm
0.15in
5.0mm
0.20in
3.8mm
0.15in
1.2mm
0.05in
0.8mm
0.03in
6.3mm
0.25in
9.4mm
0.37in
0.3mm
0.01in
1.2 mm
(0.05 in)
1.75 mm
(0.07 in)
4.0 mm
(0.16 in)
2.0 mm
(0.08 in)
12.0 mm
(0.47 in)
Ø1.55 mm
(0.06 in)
5.8 mm
(0.23 in)
11.5 mm
(0.45 in)
24.0 mm
(0.94 in)
9.4 mm MIN
0.8 mm
(0.03 in)
5.0 mm
(0.20 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
1.2 mm
(0.05 in)
9.4 mm MIN
5.0 mm
(0.20 in)
0.8 mm
(0.03 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
Figure 1. Product Dimensions for the CONMCX013 Connector
Connector Components
CONMCX013
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact (fem. socket)
Berylium Copper
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the recommended PCB footprint and PCB cutout dimensions.
9.3 mm
(0.37 in)
6.3 mm
(0.25 in)
0.6 mm
(0.02 in)
0.5 mm
(0.02 in)
Ø4.6 mm
(0.18 in)
Ø1.0 mm
(0.04 in)
5.0 mm
(0.20 in)
2.0 mm
(0.08 in)
4.8 mm
(0.19 in)
Ø6.7 mm
(0.26 in)
9.6mm
0.38in
2.8mm
0.11in
3.7mm
0.15in
5.0mm
0.20in
3.8mm
0.15in
1.2mm
0.05in
0.8mm
0.03in
6.3mm
0.25in
9.4mm
0.37in
0.3mm
0.01in
1.2 mm
(0.05 in)
1.75 mm
(0.07 in)
4.0 mm
(0.16 in)
2.0 mm
(0.08 in)
12.0 mm
(0.47 in)
Ø1.55 mm
(0.06 in)
5.8 mm
(0.23 in)
11.5 mm
(0.45 in)
24.0 mm
(0.94 in)
9.4 mm MIN
0.8 mm
(0.03 in)
5.0 mm
(0.20 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
1.2 mm
(0.05 in)
9.4 mm MIN
5.0 mm
(0.20 in)
0.8 mm
(0.03 in)
3.8 mm
(0.15 in)
9.6 mm
(0.38 in)
3.7 mm
(0.15 in)
6.3 mm
(0.25 in)
PCB
Figure 2. Recommended PCB Footprint for the CONMCX013 Connector
Mechanical Specifications
CONMCX013
Mounting Type
PCB board edge
Fastening Type
Snap-on coupling
Connector Durability
500 cycles min.
Interface in Accordance with
CECC 22220
Weight
1.2 g (0.04 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com