Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4116 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4116 Datasheet HTML 9Page - Analog Devices AD4116 Datasheet HTML 10Page - Analog Devices AD4116 Datasheet HTML 11Page - Analog Devices AD4116 Datasheet HTML 12Page - Analog Devices AD4116 Datasheet HTML 13Page - Analog Devices AD4116 Datasheet HTML 14Page - Analog Devices AD4116 Datasheet HTML 15Page - Analog Devices AD4116 Datasheet HTML 16Page - Analog Devices AD4116 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 13 of 59
TYPICAL PERFORMANCE CHARACTERISTICS
8388996
8388998
8389000
8389002
8389004
8389006
8389008
8389010
8389012
0
200
400
600
800
1000
SAMPLE NUMBER
Figure 5. Noise (Voltage Input, Output Data Rate = 1.25 SPS)
0
200
400
600
800
1000
SAMPLE NUMBER
8387600
8387650
8387700
8387750
8387800
8387850
8387900
8387950
8388000
Figure 6. Noise (Voltage Input, Output Data Rate = 5.194 kSPS)
0
200
400
600
800
1000
SAMPLE NUMBER
8390100
8390200
8390300
8390400
8390500
8390600
8390700
8390800
8390900
8391000
Figure 7. Noise (Voltage Input, Output Data Rate = 62.5 kSPS)
0
20
40
60
80
100
120
140
160
180
8388997
8388999
8389001
8389003
8389005
8389007
8389009
8389011
ADC CODE
Figure 8. Histogram (Voltage Input, Output Data Rate = 1.25 SPS)
0
50
100
150
200
250
300
ADC CODE
Figure 9. Histogram (Voltage Input, Output Data Rate = 5.194 kSPS)
0
20
40
60
80
100
120
140
160
ADC CODE
Figure 10. Histogram (Voltage Input, Output Data Rate = 62.5 kSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com