Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4116 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4116 Datasheet HTML 17Page - Analog Devices AD4116 Datasheet HTML 18Page - Analog Devices AD4116 Datasheet HTML 19Page - Analog Devices AD4116 Datasheet HTML 20Page - Analog Devices AD4116 Datasheet HTML 21Page - Analog Devices AD4116 Datasheet HTML 22Page - Analog Devices AD4116 Datasheet HTML 23Page - Analog Devices AD4116 Datasheet HTML 24Page - Analog Devices AD4116 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 21 of 59
THEORY OF OPERATION
The AD4116 offers the user a fast settling, high resolution,
multiplexed ADC with high levels of configurability, including
the following features:
•
Six fully differential or eleven single-ended voltage inputs.
•
A high impedance voltage divider with integrated
precision matched resistors
•
Embedded proprietary iPassives technology within a small
device footprint.
•
Two differential or four single-ended low level direct ADC
inputs.
•
Per channel configurability—up to eight different setups
can be defined. A separate setup can be mapped to each of
the channels. Each setup allows the user to configure whether
the buffers are enabled or disabled, gain and offset correction,
filter type, ODR, and reference source selection.
•
Highly configurable digital filter enabling conversion rates
up to 62.5 kSPS on a single channel and 12.422 kSPS
switching using sinc5 + sinc1 filter.
The AD4116 includes a precision, 2.5 V, low drift (5 ppm/°C),
band gap internal reference. This reference can be selected for
use in ADC conversions, reducing the external component
count. When enabled, the internal reference is output to the
REFOUT pin. It can be used as a low noise biasing voltage for
the external circuitry and must be connected to a 0.1 μF
decoupling capacitor.
The AD4116 includes two separate linear regulator blocks for
both the analog and digital circuitry. The analog LDO regulator
regulates the AVDD supply to 1.8 V.
The linear regulator for the digital IOVDD supply performs a
similar function, regulating the input voltage applied at the
IOVDD pin to 1.8 V. The serial interface signals always operate
from the IOVDD supply seen at the pin; meaning that, if 3.3 V
is applied to the IOVDD pin, the interface logic inputs and
outputs operate at this level.
The AD4116 is designed for a multitude of factory automation
and process control applications, such as programmable logic
controller (PLC) and distributed control system (DCS) modules.
The AD4116 reduces overall system cost and design burden
while maintaining a high level of accuracy. The AD4116 offers
the following system benefits:
•
A single 5 V power supply.
•
A guaranteed minimum 10 MΩ input impedance.
•
An overrange voltage greater than ±10 V.
•
A buffered low level input voltage.
•
A high channel count
•
Reduced calibration costs.
DGND
AD4116
IOVDD
CS
REGCAPD
AVSS
REGCAPA
AVDD
XTAL1
1
3
2
12
13
14
15
16
17
20
21
22
9
7
8
IOVDD
0.1µF
AVDD
0.1µF
CX1
16MHz
CX2
0.1µF
1µF
0.1µF
1µF
OPTIONAL EXTERNAL
CRYSTAL CIRCUITRY
CAPACITORS
CLKIN
OPTIONAL
EXTERNAL
CLOCK
INPUT
VIN0
VIN1
VINCOM
XTAL2/CLKIO
DOUT/RDY
DIN
SCLK
CS
DOUT/RDY
DIN
SCLK
11
VBIAS–
REFOUT
6
0.1µF
32
VIN10
34
33
ADCIN11
ADCIN12
37
ADCIN15
±10V
±VREF
Figure 33. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com