Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4116 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4116 Datasheet HTML 25Page - Analog Devices AD4116 Datasheet HTML 26Page - Analog Devices AD4116 Datasheet HTML 27Page - Analog Devices AD4116 Datasheet HTML 28Page - Analog Devices AD4116 Datasheet HTML 29Page - Analog Devices AD4116 Datasheet HTML 30Page - Analog Devices AD4116 Datasheet HTML 31Page - Analog Devices AD4116 Datasheet HTML 32Page - Analog Devices AD4116 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 29 of 59
The no damage to device sections show the allowable positive
and negative voltages that can be applied to a voltage input pin
without exceeding the absolute maximum. The performance of
other channels is degraded, but the performance recovers when
the overvoltage is removed. This voltage range is specified as an
absolute maximum rating of ±65 V. Operation beyond the
maximum operating conditions for extended periods can affect
product reliability.
Low Level Inputs
The absolute, low level, input voltage in unbuffered mode
includes the range between AVSS − 50 mV and AVDD + 50 mV.
The absolute input voltage range in buffered mode is restricted
to a range between AVSS and AVDD. This low level input
voltage is specified with an absolute maximum rating of
AVSS − 0.3 V to AVDD1 + 0.3 V.
DATA OUTPUT CODING
Voltage Inputs
When the ADC is configured for unipolar operation, the
output code is natural (straight) binary with a zero differential
input voltage resulting in a code of 00 … 00, a midscale voltage
resulting in a code of 100 … 000, and a full-scale input voltage
resulting in a code of 111 … 111.
The output code for any input voltage is represented as
Code = (2N × VIN × 0.1)/VREF
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage resulting
in a code of 000 … 000, a zero differential input voltage resulting in
a code of 100 … 000, and a positive full-scale input voltage
resulting in a code of 111 … 111. The output code for any
analog input voltage can be represented as
Code = 2N − 1 × ((VIN × 0.1/VREF) + 1)
where:
N = 24.
VIN is the input voltage.
VREF is the reference voltage.
Low Level Inputs
When the ADC is configured for unipolar operation, the
output code is natural (straight) binary with a zero differential
input voltage resulting in a code of 00 … 00, a midscale voltage
resulting in a code of 100 … 000, and a full-scale input voltage
resulting in a code of 111 … 111. The output code for any low-
level input voltage is represented as
Code = (2N × VADCIN)/VREF
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage resulting
in a code of 000 … 000, a zero differential input voltage resulting in
a code of 100 … 000, and a positive full-scale input voltage
resulting in a code of 111 … 111. The output code for any low-
level input voltage is represented as
Code = 2N – 1 × ((VADCIN/VREF) + 1)
where:
N = 24.
VREF is the reference voltage.
VADCIN is the low level input voltage.
AD4116 REFERENCE
The AD4116 offers the user the option of either supplying an
external reference to the REF+ and REF− pins of the device,
using AVDD − AVSS, or by allowing the use of the internal
2.5 V, low noise, low drift reference. Select the reference source
to be used by the analog input by setting the REF_SELx bits,
Bits[5:4], in the setup configuration registers appropriately. By
default, the AD4116 uses an external reference on power-up.
Internal Reference
The AD4116 includes a low noise, low drift voltage reference.
The internal reference has a 2.5 V output. The internal
reference is output on the REFOUT pin after the REF_EN bit in
the ADC mode register is set and is decoupled to AVSS with a
0.1 μF capacitor. The AD4116 internal reference is disabled by
default on power-up.
External Reference
The AD4116 has a fully differential reference input applied
through the REF+ and REF− pins. Standard low noise, low drift
voltage references, such as the ADR4525, are recommended for
use. Apply the external reference to the AD4116 reference pins
as shown in Figure 42. Decouple the output of any external
reference to AVSS. As shown in Figure 42, the ADR4525
output is decoupled with a 0.1 μF capacitor at the output for
stability purposes. The output is then connected to a 4.7 μF
capacitor, which acts as a reservoir for any dynamic charge
required by the ADC and is followed by a 0.1 μF decoupling
capacitor at the REF+ input. This capacitor is placed as close as
possible to the REF+ and REF− pins.
The REF− pin is connected directly to the AVSS potential. When
an external reference is used instead of the internal reference
to supply the AD4116, attention must be paid to the output of
the REFOUT pin. The internal reference is controlled by the
REF_EN bit (Bit 15) in the ADC mode register. If the internal
reference is not being used elsewhere in the application, ensure
that the REF_EN bit is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com