Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8672 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN8672
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8672 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN8672 Datasheet HTML 14Page - Microchip Technology LAN8672 Datasheet HTML 15Page - Microchip Technology LAN8672 Datasheet HTML 16Page - Microchip Technology LAN8672 Datasheet HTML 17Page - Microchip Technology LAN8672 Datasheet HTML 18Page - Microchip Technology LAN8672 Datasheet HTML 19Page - Microchip Technology LAN8672 Datasheet HTML 20Page - Microchip Technology LAN8672 Datasheet HTML 21Page - Microchip Technology LAN8672 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
3.50
3.50
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.90
Contact Pad Length (32)
Contact Pad Width (32)
Y1
X1
0.85
0.30
NOM
1
2
32
C1
Contact Pad Spacing
4.90
Contact Pad to Contact Pad (X28)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2020 Microchip Technology Inc.
Contact Pad to Center Pad (32)
G1
0.20
EV
C1
C2
EV
X2
Y2
E
X1
Y1
G1
G2
Øv
SILK SCREEN
Microchip Technology Drawing C04-2500 Rev B
32-Lead Very Thin Plastic Quad Flat, No Lead Package (LMX) - 5x5x1.0 mm Body [VQFN]
With 3.4 mm Exposed Pad and Stepped Wettable Flanks
LAN8670/1/2
Packaging Information
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com