Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8672 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN8672
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8672 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN8672 Datasheet HTML 9Page - Microchip Technology LAN8672 Datasheet HTML 10Page - Microchip Technology LAN8672 Datasheet HTML 11Page - Microchip Technology LAN8672 Datasheet HTML 12Page - Microchip Technology LAN8672 Datasheet HTML 13Page - Microchip Technology LAN8672 Datasheet HTML 14Page - Microchip Technology LAN8672 Datasheet HTML 15Page - Microchip Technology LAN8672 Datasheet HTML 16Page - Microchip Technology LAN8672 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
...........continued
Name
Symbol
Buffer Type
Description
Receive Data Valid
(MII Mode)
RXDV
VOH-VDDP
Indicates that recovered and decoded data is available on the
RXD[3:0] pins.
This signal is not used in RMII mode.
Receive Clock
(MII Mode)
RXCLK
VO-VDDP
In MII mode, this pin is the 2.5 MHz receive clock output.
In RMII mode, this pin is unused and is driven low. It should be
left unconnected.
Carrier Sense / Receive Data
Valid (RMII Mode)
CRSDV
VOH-VDDP
This signal is asserted to indicate the receive medium is non-
idle in RMII mode.
This signal is not used in MII mode.
Collision Detect
(MII Mode)
COL
VO-VDDP
Collision Detect.
In RMII mode, this pin is unused and is driven low.
Carrier Sense
(MII Mode)
CRS
VO-VDDP
Carrier Sense.
In RMII mode, this pin is unused and is driven low.
Table 3-5. Ethernet Transceiver Pins
Name
Symbol
Buffer Type
Description
Ethernet TX/RX Positive Terminal
TRXP
AIO
Positive terminal for transmit/receive signal.
Ethernet TX/RX Negative Terminal
TRXN
AIO
Negative terminal for transmit/receive signal.
Table 3-6. Serial Management Interface (SMI) Pins
Name
Symbol
Buffer Type
Description
SMI Data Input/Output
MDIO
VIS-VDDP /
VO-VDDP
Serial Management Interface data input/output.
SMI Clock
MDC
VIS-VDDP
Serial Management Interface clock.
Table 3-7. Miscellaneous Pins
Name
Symbol
Buffer Type
Description
External 25 MHz Crystal Input
XTI
ICLK
External 25 MHz crystal input.
External Clock Input
REFCLKIN
ICLK
Single-ended clock oscillator input. A frequency of 25 MHz shall
be used in all modes except RMII, which requires 50 MHz.
Note:  When using a single-ended clock oscillator, XTO must
be left unconnected with <10 pF stray capacitance.
External 25 MHz Crystal Output
XTO
OCLK
External 25 MHz crystal output.
Note:  When using a single-ended clock oscillator on XTI/
REFCLKIN, this pin must be left unconnected with <10 pF stray
capacitance.
Interrupt
IRQ_N
VOD-VDDP
Device interrupt. Active low and open drain.
Note:  When used, this pin requires a 10 kΩ (typical) pull-up to
VDDP.
Note:  This pin is to be unconnected when unused.
System Reset
RESET_N
VIS-VDDP
System reset. This pin is active low.
If unused, this pin must be pulled-up to VDDP.
LAN8670/1/2
Pin Description and Configuration
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com