Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8672 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN8672
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8672 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN8672 Datasheet HTML 15Page - Microchip Technology LAN8672 Datasheet HTML 16Page - Microchip Technology LAN8672 Datasheet HTML 17Page - Microchip Technology LAN8672 Datasheet HTML 18Page - Microchip Technology LAN8672 Datasheet HTML 19Page - Microchip Technology LAN8672 Datasheet HTML 20Page - Microchip Technology LAN8672 Datasheet HTML 21Page - Microchip Technology LAN8672 Datasheet HTML 22Page - Microchip Technology LAN8672 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
4.2
24-VQFN (LAN8671 Only)
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21483 Rev A Sheet 1 of 2
2X
24X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
24-Lead Very Thin Plastic Quad Flat, No Lead Package (U3B) - 4x4 mm Body [VQFN]
With 2.6mm Exposed Pad and Stepped Wettable Flanks; Atmel Legacy ZCY
© 2018 Microchip Technology Inc.
SECTION A-A
D3
A4
STEPPED
WETTABLE
FLANK
D
E
D2
E2
K
24X b
e
e
2
L
1
2
N
A1
(A3)
A
AA
DETAIL A
LAN8670/1/2
Packaging Information
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com