Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-11663 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11663
Description  Netduino 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11663 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11663 Datasheet HTML 1Page - SparkFun Electronics DEV-11663 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export Restrictions
This product has some level of export control/restriction, so may be delayed by
2-3 business days when shipping outside the United States. Contact us with
questions, or we will contact you after you place your order.
Netduino 2
DEV-11 663 RO HS
images are CC BY-NC-SA 3.0
Description: Are you a fan of the Netduino? Are you a .NET developer looking for a
capable 32-bit development board? Well we’ve got good news! Secret Labs have
updated their classic Netduino to create: Netduino 2!
Netduino 2 is still the same Arduino shield compatible board you know and love,
except faster with more code space. Powered by an STmicro Cortex-M3
microcontroller running at 120MHz, the Netduino 2 packs 192KB of code space and
60KB of RAM. With built-in hardware peripherals like UART, PWM, I2C, 12-bit ADC
and DAC, the Netduino 2 is ready to interface with whatever you throw at it. That
includes Arduino R3-style shields, since Netduino 2 adds two GPIO over its
predecessor.
Features:
• STMicro 32-bit microcontroller
Page 1 of 2


Similar Part No. - DEV-11663

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DEV-11008 AGELECTRONICA-DEV-11008 Datasheet
166Kb / 1P
LILYPAD VIBE BOARD
17/10/2017
logo
SparkFun Electronics
DEV-11018 SPARKFUN-DEV-11018 Datasheet
607Kb / 9P
Shield Landing Page
logo
AG Electronica
DEV-11114 AGELECTRONICA-DEV-11114 Datasheet
145Kb / 1P
ARDUINO PRO MINI 328 - 3.3V / 8MHZ
02/03/2021
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
DEV-11259 SPARKFUN-DEV-11259 Datasheet
98Kb / 1P
LilyPad Power Supply
10/13/2015
More results

Similar Description - DEV-11663

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-640362-2 MACOM-2-640362-2 Datasheet
796Kb / 1P
2-640362-2 Product Details
logo
Schneider Electric
LDB22 SCHNEIDER-LDB22 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N1 Paint - 2 ft lg
LJB22 SCHNEIDER-LJB22 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 2 ft lg
LJB202 SCHNEIDER-LJB202 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 2" Nipple
Jun 3, 2020
logo
WAGO Kontakttechnik Gmb...
2020-2209 WAGO-2020-2209 Datasheet
608Kb / 12P
2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
2020-2239 WAGO-2020-2239 Datasheet
647Kb / 12P
2-conductor/2-pin double-deck carrier terminal; 2-conductor/2-pin
29.12.2021
2022-2239 WAGO-2022-2239 Datasheet
660Kb / 14P
2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
TDR 2 Series, 2 Watt
Rev. November 30, 2022
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
logo
Huber+Suhner, Inc.
26_SMP-50-2-2111_N HUBERSUHNER-26_SMP-50-2-2111_N Datasheet
151Kb / 2P
26_SMP-50-2-2/111_N
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com