Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 9Page - Analog Devices LTC3124 Datasheet HTML 10Page - Analog Devices LTC3124 Datasheet HTML 11Page - Analog Devices LTC3124 Datasheet HTML 12Page - Analog Devices LTC3124 Datasheet HTML 13Page - Analog Devices LTC3124 Datasheet HTML 14Page - Analog Devices LTC3124 Datasheet HTML 15Page - Analog Devices LTC3124 Datasheet HTML 16Page - Analog Devices LTC3124 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT3120
13
Rev. 0
For more information www.analog.com
OPERATION
INTRODUCTION
The LT3120 is a monolithic buck-boost DC/DC converter
that can operate over 2.5V to 26V input voltage and 0.8V
to 24V output voltage range. Integrated low RDS(ON)
N-channel DMOS power switches reduce solution com-
plexity and maximize conversion efficiency. Internal high
side power switch drivers require only two small external
capacitors and further simplify application circuit design.
The LT3120 incorporates many additional features to al-
low for maximum flexibility when designing application
solutions, including an accurate EN/UVLO pin compara-
tor, wide operating frequency range of 400kHz to 2MHz,
external clock synchronization, power good indicator,
and Maximum Power Point Control (MPPC) of the input
voltage for operation from current limited sources such
as photovoltaic arrays.
High side drive and sense circuitry allow for operation to
0V on the output while maintaining current control and
synchronousswitchoperation.Operationtovoltagesbelow
2.5V on the input is also possible when bootstrapping the
VCC pin from VOUT, or other alternate sources, allowing
for maximum extraction of energy from storage devices
such as supercapacitors.
A proprietary ultralow noise PWM switching algorithm
maintains output regulation with input voltages that are
below, equal to, or above the output voltage. Transitions
between buck and boost operating modes occur seam-
lessly without transients or subharmonic switching. The
LT3120 has an internal oscillator that can be configured to
operate over a wide range of frequencies. Using a single
programming resistor, the operating frequency can be
configured between 400kHz and 2MHz allowing for flex-
ibility when optimizing for board area and efficiency. The
internal oscillator can also be synchronized to an external
clock applied to the SYNC/MODE pin in noise sensitive
applications.
Burst Mode operation allows for high efficiency operation
at light loads while automatically transitioning to PWM
mode at heavier loads. At low output currents, Burst Mode
operation is enabled, with a current of only 30µA (typical).
In shutdown the total supply current is further reduced
to 3µA (maximum).
PWM MODE OPERATION
If the SYNC/MODE pin is held high, or the load current
on the converter is high enough to command PWM mode
operation with the SYNC/MODE pin held low, the LT3120
operates in a fixed frequency PWM mode. The operating
frequency is defined by the resistance on the RT pin as
described in the Applications Information section of this
data sheet. PWM mode minimizes output voltage ripple
and yields a low noise switching frequency spectrum. A
proprietary switching algorithm provides seamless tran-
sitions between operating modes and eliminates discon-
tinuities in the average inductor current, inductor ripple
current and loop transfer function throughout all modes of
operation.Theseadvantagesresultinincreasedefficiency,
improved loop stability and lower output voltage ripple in
comparison to a traditional buck-boost converter. Figure 1
shows the topology of the LT3120 power stage which is
comprised of four N-channel DMOS switches and their
associated gate drivers.
Figure 1. Power Stage Schematic
A
VCC
BST1
CBST1
CBST2
L
BST2
PVIN
PVOUT
SW1
SW2
VCC
VCC
VCC
LT3120
GND
GND
3120 F01
B
D
C
In PWM mode operation, both switch pins transition on
every cycle independent of the input and output voltages.
Theinternalaveragecurrentcontrolloopoperatessuchthat
thepulsewidthmodulatorgeneratestheappropriateswitch
duty cycle to maintain regulation of the output voltage.
Oscillator and Phase-Locked Loop
The LT3120 operates from an internal oscillator with a
switching frequency that is configured by a single external
resistor between the RT pin and GND. For noise sensitive
applications, an internal phase-locked loop allows the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com