Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 20Page - Analog Devices LTC3124 Datasheet HTML 21Page - Analog Devices LTC3124 Datasheet HTML 22Page - Analog Devices LTC3124 Datasheet HTML 23Page - Analog Devices LTC3124 Datasheet HTML 24Page - Analog Devices LTC3124 Datasheet HTML 25Page - Analog Devices LTC3124 Datasheet HTML 26Page - Analog Devices LTC3124 Datasheet HTML 27Page - Analog Devices LTC3124 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LT3120
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
bandwidth may be realizable while still maintaining stabil-
ity and good transient response. In this example, we will
use cross over frequency equal to one sixth of the RHPZ
frequency (see Equation 28).
fCC =
fRHPZ
7
≅6.2kHz
(28)
The RHPZ will have a negligible effect on the gain at the
loop crossover, however it will have a phase contribution
that must be considered (see Equation 29).
ϕRHPZ = –1• tan–1
fcc
fRHPZ
⎛
⎝⎜
⎞
⎠⎟
= –1• tan–1
1
7
⎛
⎝⎜
⎞
⎠⎟ =
–8.1
° (29)
Since the converter will be operating in boost mode, the
GCS term must be scaled to represent the commanded
output current.
LookingintheTypicalCurvessection,wefindtheefficiency
to be roughly 80%. Using this information, the effective
output current gain can be calculated using Equation 30.
GCS(OUT) = GCS •
VIN
2VOUT
•Eff
⎛
⎝⎜
⎞
⎠⎟
= 3.265A V
(30)
Using this information, the gain and phase contributions
from the output filter are calculated using Equation 31.
GOUT =GCS(OUT) •
RLOAD2
fCC
fP1
⎛
⎝
⎞
⎠
2
+1
= 1.098
ϕP1= –1• tan–1
fcc
fP1
⎛
⎝⎜
⎞
⎠⎟
= –1• tan–1
6200
1273
⎛
⎝⎜
⎞
⎠⎟ =
–78.4°
(31)
Choosing a phase margin of 50 degrees, the required
phaseboostfromthecompensationnetworkisdetermined
by summing together the phase contributions that were
calculated in Equation 31. A phase contribution of –90°
is assumed for P2.
ϕZ1= 50–ϕP2 –ϕP1–ϕRHPZ –180 = 46.5°
(32)
The compensation network gain is used to adjust the
loop gain to crossover at the desired frequency. Using the
feedback divider gain and output gain, the compensation
network gain is calculated using Equation 33
GCOMP =
VREF
VOUT
•GOUT
⎛
⎝⎜
⎞
⎠⎟
−1
= 5.727
(33)
The compensation network resistor is then found using
the error amplifier transconductance and the required
compensation gain found in Equation 33.
RZ =
GCOMP
gm
=
5.727
120µs
= 47.7kΩ
(34)
With the value of RZ now known, the compensation ca-
pacitor can be chosen to place the zero Z1 in the correct
location.
CP1=
tan
ϕZ1
( )
2
π • fCC •RZ
= 565pF
(35)
Selecting standard value components, values of RZ =
47.5kΩ and CP1 = 560pF are used.
PCB Layout Considerations
The LT3120 buck-boost converter switches large currents
at high frequencies. Special attention should be paid to the
PC board layout to ensure a stable, noise-free and efficient
application circuit. Figure 11 shows a representative PCB
to outline some of the primary considerations. A few key
guidelines are provided below.
1. The parasitic inductance and resistance of all circulat-
ing high current paths should be minimized. This can
be accomplished by keeping the routes to all bold com-
ponents in Figures 11 as short and as wide as possible.
Capacitor ground connections should via down to the
ground plane by way of the shortest route possible. The
bypass capacitors on PVIN, PVOUT and VCC should be
placed as close to the IC as possible and should have
the shortest possible paths to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com