Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3124 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3124
Description  26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3124 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3124 Datasheet HTML 17Page - Analog Devices LTC3124 Datasheet HTML 18Page - Analog Devices LTC3124 Datasheet HTML 19Page - Analog Devices LTC3124 Datasheet HTML 20Page - Analog Devices LTC3124 Datasheet HTML 21Page - Analog Devices LTC3124 Datasheet HTML 22Page - Analog Devices LTC3124 Datasheet HTML 23Page - Analog Devices LTC3124 Datasheet HTML 24Page - Analog Devices LTC3124 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT3120
21
Rev. 0
For more information www.analog.com
One half of this inductor ripple current must be added to
the highest expected average inductor current in order to
select the proper saturation current rating for the inductor.
Programming the Output Voltage
The output voltage is set via the external resistive divider
comprisedofresistorsRTOPandRBOTasshowninFigure 4.
Theresistordividervaluesdeterminetheoutputregulation
voltage according to Equation 12.
VOUT = 0.795V• 1+
RTOP
RBOT
⎛
⎝⎜
⎞
⎠⎟
(12)
Programming the MPPC Voltage
The LT3120 includes an MPPC function to optimize
performance when operating from current limited input
sources. Using an external voltage divider from VIN, the
MPPC function takes control of the average inductor cur-
rent when necessary to maintain a minimum input voltage
VMPPC, as programmed by the user. (See Figure 5).
VMPPC = 0.795V• 1+
R5
R6
⎛
⎝⎜
⎞
⎠⎟
(13)
Thisisusefulforsuchapplicationsasphotovoltaicpowered
converters,sincethemaximumpowertransferpointoccurs
when the photovoltaic panel is operated at approximately
75%ofitsopen-circuitvoltage.Forexample,whenoperat-
ing from a photovoltaic panel with an open-circuit voltage
of10V,themaximumpowertransferpointwillbewhenthe
panel is loaded such that its output voltage is about 7.5V.
WhenusingtheMPPCfunction,theinputcapacitorshould
be sized between 100µF and 470µF. Resistor R6 should be
chosen between 50k and 250k. Lower values will result in
smaller undershoot of the MPPC tracking point during line
and load transient conditions, but will draw more current
from the input supply. For this example, a value of 100kΩ
will be used. The value of R5 can then be determined us-
ing Equation 14 to set the desired input MPPC voltage.
R5
=
VMPPC
0.795V
−1
⎛
⎝⎜
⎞
⎠⎟ •
R6
=
7.5V
0.795V
−1
⎛
⎝⎜
⎞
⎠⎟ •
100k
Ω
= 843kΩ ≅ 845kΩ
(14)
Using these resistor values, the MPPC function is pro-
grammed to control the maximum input current so as to
maintain VIN at a minimum of 7.56V. Note that if the pho-
tovoltaic panel can provide more power than the LT3120
can draw or the load requires, the input voltage will rise
abovetheprogrammedMPPCpoint.Higherinputvoltages
do not present a problem so long as the input voltage
does not exceed the maximum operating input voltage.
For photovoltaic panel applications, it may be also desir-
able to use the programmable EN/UVLO feature to disable
the part when VIN drops too low due to lack of sufficient
light. Using the EN/UVLO pin provides a well-controlled
behavior when the input power source is dropping out by
halting switching to prevent discharge of the output. This
custom input UVLO voltage should be programmed to be
below the MPPC tracking voltage with sufficient margin to
ensurethepartdoesnotdisableundertransientconditions.
The MPPC loop requires compensation to maintain
stability of the input voltage regulation loop. This can be
accomplished by means of a pole-zero pair on the MPPC
pin created with a series RC network in parallel with the
lower MPPC resistor R6 as shown in Figure 5.
The pole and zero locations should be selected to create a
low frequency pole at or below approximately 360Hz and
a zero at a frequency that is scaled based on the size of
the input capacitor. Equation 15 determines the values for
the compensation capacitor CC2, and zero resistor RC2.
CC2 =
1
2
π•R6 •360Hz
RC2 =
CIN
2
π•CC2
(15)
Using the divider values from the previous example and
a 220µF input capacitor, the value of the compensation
components can be calculated as shown in Equation 16.
CC2 =
1
2
π•100kΩ•360Hz
= 4.42nF ≅ 4.3nF
RC2 =
220µF
2
π•4.3nF
= 8.14kΩ ≅ 8.25kΩ
(16)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com