Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS367 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS367
Description  SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS367 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS367 Datasheet HTML 5Page - Texas Instruments SN74HCS367 Datasheet HTML 6Page - Texas Instruments SN74HCS367 Datasheet HTML 7Page - Texas Instruments SN74HCS367 Datasheet HTML 8Page - Texas Instruments SN74HCS367 Datasheet HTML 9Page - Texas Instruments SN74HCS367 Datasheet HTML 10Page - Texas Instruments SN74HCS367 Datasheet HTML 11Page - Texas Instruments SN74HCS367 Datasheet HTML 12Page - Texas Instruments SN74HCS367 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS367-Q1 contains 6 individual high speed CMOS buffers with Schmitt-trigger inputs and 3-state
outputs.
Each buffer performs the boolean logic function xYn = xAn, with x being the bank number and n being the
channel number.
The first bank includes four buffers, and the second bank includes two buffers.
Each output enable (xOE) controls one bank of buffers. When the xOE pin is in the low state, the outputs of all
buffers in the bank x are enabled. When the xOE pin is in the high state, the outputs of all buffers in the bank x
are disabled. All disabled output are placed into the high-impedance state.
To ensure the high-impedance state during power up or power down, both xOE pins should be tied to VCC
through a pull-up resistor. The value of the resistor is determined by the current sinking capability of the driver
and the leakage of the pin as defined in the Electrical Characteristics table. Typically a 10 kΩ resistor will be
sufficient.
8.2 Functional Block Diagram
1A2
1A3
1A4
1A1
1OE
1Y1
1Y2
1Y3
1Y4
2A2
2A1
2OE
2Y1
2Y2
Figure 8-1. Logic Diagram (Positive Logic) for SN74HCS367-Q1
8.3 Feature Description
8.3.1 Balanced CMOS 3-State Outputs
This device includes balanced CMOS 3-State outputs. The three states that these outputs can be in are driving
high, driving low, and high impedance. The term "balanced" indicates that the device can sink and source similar
currents. The drive capability of this device may create fast edges into light loads so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the output power of the device
to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute
Maximum Ratings must be followed at all times.
When placed into the high-impedance mode, the output will neither source nor sink current, with the exception of
minor leakage current as defined in the Electrical Characteristics table. In the high-impedance state, the output
voltage is not controlled by the device and is dependent on external factors. If no other drivers are connected
to the node, then this is known as a floating node and the voltage is unknown. A pull-up or pull-down resistor
www.ti.com
SN74HCS367-Q1
SCLS816A – SEPTEMBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS367-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com