Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS367 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS367
Description  SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS367 Datasheet(HTML) 27 Page - Texas Instruments

Back Button SN74HCS367 Datasheet HTML 22Page - Texas Instruments SN74HCS367 Datasheet HTML 23Page - Texas Instruments SN74HCS367 Datasheet HTML 24Page - Texas Instruments SN74HCS367 Datasheet HTML 25Page - Texas Instruments SN74HCS367 Datasheet HTML 26Page - Texas Instruments SN74HCS367 Datasheet HTML 27Page - Texas Instruments SN74HCS367 Datasheet HTML 28Page - Texas Instruments SN74HCS367 Datasheet HTML 29Page - Texas Instruments SN74HCS367 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4226135/A 08/2020
www.ti.com
WQFN - 0.8 mm max height
INDSTNAME
BQB0016B
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
2.6
2.4
3.6
3.4
0.8 MAX
0.05
0.00
SEATING PLANE
C
(0.2) TYP
2X 0.5
2X
2.5
10X 0.5
1.1
0.9
2.1
1.9
16X 0.5
0.3
16X 0.3
0.2
SYMM
1
2
7
8
9
10
15
16
17
PIN 1 ID
(OPTIONAL)
PIN 1 INDEX AREA
(0.16)
0.1 MIN
(0.13)
SECTION A-A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com