Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS367 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS367
Description  SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS367 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS367 Datasheet HTML 8Page - Texas Instruments SN74HCS367 Datasheet HTML 9Page - Texas Instruments SN74HCS367 Datasheet HTML 10Page - Texas Instruments SN74HCS367 Datasheet HTML 11Page - Texas Instruments SN74HCS367 Datasheet HTML 12Page - Texas Instruments SN74HCS367 Datasheet HTML 13Page - Texas Instruments SN74HCS367 Datasheet HTML 14Page - Texas Instruments SN74HCS367 Datasheet HTML 15Page - Texas Instruments SN74HCS367 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The SN74HCS367-Q1 can be used to drive signals over relatively long traces or transmission lines. In order to
reduce ringing caused by impedance mismatches between the driver, transmission line, and receiver, a series
damping resistor placed in series with the transmitter’s output can be used. The plot in the Application Curve
section shows the received signal with three separate resistor values. Just a small amount of resistance can
make a significant impact on signal integrity in this type of application.
9.2 Typical Application
Z0
Rd
System
Controller
Transmitter
Receiver
L > 12 cm
Peripheral
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74HCS367-Q1 plus the maximum static supply current, ICC, listed in Electrical Characteristics
and any transient current required for switching. The logic device can only source as much current as is provided
by the positive supply source. Be sure not to exceed the maximum total current through VCC listed in the
Absolute Maximum Ratings.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS367-Q1 plus the maximum supply current, ICC, listed in Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current as can be sunk into its ground
connection. Be sure not to exceed the maximum total current through GND listed in the Absolute Maximum
Ratings.
The SN74HCS367-Q1 can drive a load with a total capacitance less than or equal to 50 pF while still meeting
all of the datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to
exceed 50 pF.
The SN74HCS367-Q1 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage
and current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the high state,
the output voltage in the equation is defined as the difference between the measured output voltage and the
supply voltage at the VCC pin.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
SN74HCS367-Q1
SCLS816A – SEPTEMBER 2020 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS367-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com